Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6714D Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6714D
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714D Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6714D Datasheet HTML 13Page - STMicroelectronics L6714D Datasheet HTML 14Page - STMicroelectronics L6714D Datasheet HTML 15Page - STMicroelectronics L6714D Datasheet HTML 16Page - STMicroelectronics L6714D Datasheet HTML 17Page - STMicroelectronics L6714D Datasheet HTML 18Page - STMicroelectronics L6714D Datasheet HTML 19Page - STMicroelectronics L6714D Datasheet HTML 20Page - STMicroelectronics L6714D Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 70 page
background image
L6714
VID Tables
17/70
5
VID Tables
5.1
Mapping for the Intel VR11 mode
5.2
Voltage Identification (VID) for Intel VR11 mode
Table 5.
Voltage Identification (VID) Mapping for Intel VR11 Mode
VID7
VID6
VID5
VID4
VID3
VID2
VID1
VID0
800mV
400mV
200mV
100mV
50mV
25mV
12.5mV
6.25mV
Table 6.
Voltage Identification (VID) for Intel VR11 mode (See Note).
HEX Code
Output
voltage
(1)
HEX Code
Output
voltage
(1)
HEX Code
Output
voltage
(1)
HEX Code
Output
voltage
(1)
0
0
OFF
4
0
1.21250
8
0
0.81250
C
0
0.41250
0
1
OFF
4
1
1.20625
8
1
0.80625
C
1
0.40625
0
2
1.60000
4
2
1.20000
8
2
0.80000
C
2
0.40000
0
3
1.59375
4
3
1.19375
8
3
0.79375
C
3
0.39375
0
4
1.58750
4
4
1.18750
8
4
0.78750
C
4
0.38750
0
5
1.58125
4
5
1.18125
8
5
0.78125
C
5
0.38125
0
6
1.57500
4
6
1.17500
8
6
0.77500
C
6
0.37500
0
7
1.56875
4
7
1.16875
8
7
0.76875
C
7
0.36875
0
8
1.56250
4
8
1.16250
8
8
0.76250
C
8
0.36250
0
9
1.55625
4
9
1.15625
8
9
0.75625
C
9
0.35625
0
A
1.55000
4
A
1.15000
8
A
0.75000
C
A
0.35000
0
B
1.54375
4
B
1.14375
8
B
0.74375
C
B
0.34375
0
C
1.53750
4
C
1.13750
8
C
0.73750
C
C
0.33750
0
D
1.53125
4
D
1.13125
8
D
0.73125
C
D
0.33125
0
E
1.52500
4
E
1.12500
8
E
0.72500
C
E
0.32500
0
F
1.51875
4
F
1.11875
8
F
0.71875
C
F
0.31875
1
0
1.51250
5
0
1.11250
9
0
0.71250
D
0
0.31250
1
1
1.50625
5
1
1.10625
9
1
0.70625
D
1
0.30625
1
2
1.50000
5
2
1.10000
9
2
0.70000
D
2
0.30000
1
3
1.49375
5
3
1.09375
9
3
0.69375
D
3
0.29375
1
4
1.48750
5
4
1.08750
9
4
0.68750
D
4
0.28750
1
5
1.48125
5
5
1.08125
9
5
0.68125
D
5
0.28125
1
6
1.47500
5
6
1.07500
9
6
0.67500
D
6
0.27500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com