Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6714D Datasheet(PDF) 35 Page - STMicroelectronics

Part # L6714D
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714D Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L6714D Datasheet HTML 31Page - STMicroelectronics L6714D Datasheet HTML 32Page - STMicroelectronics L6714D Datasheet HTML 33Page - STMicroelectronics L6714D Datasheet HTML 34Page - STMicroelectronics L6714D Datasheet HTML 35Page - STMicroelectronics L6714D Datasheet HTML 36Page - STMicroelectronics L6714D Datasheet HTML 37Page - STMicroelectronics L6714D Datasheet HTML 38Page - STMicroelectronics L6714D Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 70 page
background image
L6714
Remote voltage sense
35/70
11
Remote voltage sense
The device embeds a Remote Sense Buffer to sense remotely the regulated voltage without
any additional external components. In this way, the output voltage programmed is regulated
between the remote buffer inputs compensating motherboard or connector losses. It senses
the output voltage remotely through the pins FBR and FBG (FBR is for the regulated voltage
sense while FBG is for the ground sense) and reports this voltage internally at VSEN pin
with unity gain eliminating the errors. Keeping the FBR and FBG traces parallel and guarded
by a power plane results in common mode coupling for any picked-up noise.
If remote sense is not required, it is enough connecting the resistor RFB directly to the
regulated voltage: VSEN becomes not connected and still senses the output voltage
through the remote buffer. In this case the FBG and FBR pins must be connected anyway to
the regulated voltage (See Figure 10).
Warning:
The remote buffer is included in the trimming chain in order
to achieve ±0.5% accuracy (0.6% for the AMD DAC) on the
output voltage when the RB is used: eliminating it from the
control loop causes the regulation error to be increased by
the RB offset worsening the device performances.
Figure 10. Remote buffer connections
VREF
FB
COMP
VSEN
64k
FBR
FBG
64k
RF
CF
RFB
To Vcore
(Remote Sense)
FB
COMP
VSEN
64k
FBR
FBG
64k
RF
CF
RFB
To Vcore
Remote Buffer Used (Up to 0.5% Accuracy)
Remote Buffer NOT Used (Precision Worsened)
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com