Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6714D Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6714D
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714D Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6714D Datasheet HTML 6Page - STMicroelectronics L6714D Datasheet HTML 7Page - STMicroelectronics L6714D Datasheet HTML 8Page - STMicroelectronics L6714D Datasheet HTML 9Page - STMicroelectronics L6714D Datasheet HTML 10Page - STMicroelectronics L6714D Datasheet HTML 11Page - STMicroelectronics L6714D Datasheet HTML 12Page - STMicroelectronics L6714D Datasheet HTML 13Page - STMicroelectronics L6714D Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
Pin settings
L6714
10/70
33
OVP
Over Voltage Programming Pin. Internally pulled up by 12.5µA(typ) to 5V.
Set free to use built-in protection thresholds as reported into Table 10.
Connect to SGND through a ROVP resistor and filter with 100pF (max) to set the
OVP threshold to a fixed voltage according to the ROVP resistor.
See “Over voltage and programmable OVP” Section Section for details.
34
VID_SEL
Intel Mode.
It allows selecting between VR10 (short to SGND, Table 7) or VR11
(floating,Table 6 ) DACs ,internally pulled up by 12.5
µA (typ.).. See “Configuring
the device” Section for details.
AMD Mode. Not Applicable. Needs to be shorted to SGND.
35
FBR
Remote Buffer Non Inverting Input.
Connect to the positive side of the load to perform remote sense.
See “Layout guidelines” Section for proper layout of this connection.
36
FBG
Remote Buffer Inverting Input.
Connect to the negative side of the load to perform remote sense.
See “Layout guidelines” Section for proper layout of this connection.
37
OSC/
FAULT
Oscillator Pin.
It allows programming the switching frequency FSW of each channel: the
equivalent switching frequency at the load side results in being multiplied by the
phase number N.
Frequency is programmed according to the resistor connected from the pin vs.
SGND or VCC with a gain of 6kHz/µA (see relevant section for details). Leaving
the pin floating programs a switching frequency of 150kHz per phase.
The pin is forced high (5V) to signal an OVP FAULT: to recover from this
condition, cycle VCC or the OUTEN pin. See “Oscillator” Section for details.
38
VID7/
DVID
VID7 - Intel Mode. See VID5 to VID0 Section.
DVID - AMD Mode. DVID Output.
CMOS output pulled high when the controller is performing a D-VID transition
(with 32 clock cycle delay after the transition has finished). See “Dynamic VID
transitions” Section Section for details.
39
VID6
Intel Mode. See VID5 to VID0 Section.
AMD Mode. Not Applicable. Need to be shorted to SGND.
40 to
45
VID5 to
VID0
Intel Mode. Voltage IDentification Pins (also applies to VID6, VID7).
Internally pulled up by 25µA to 5V, connect to SGND to program a '0' or leave
floating to program a '1'.
They allow programming output voltage as specified in Table 6 and Table 7
according to VID_SEL status. OVP and UVP protection comes as a
consequence of the programmed code (See Table 10).
AMD Mode. Voltage IDentification Pins.
Internally pulled down by 12.5µA, leave floating to program a '0' while pull up to
more than 1.4V to program a '1'.
They allow programming the output voltage as specified in Table 9 on page 21
(VID7 doesn’t care). OVP and UVP protection comes as a consequence of the
programmed code (See Table 10).
Note. VID6 not used, need to be shorted to SGND.
Table 1.
Pin functions
N°
Pin
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com