Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6714D Datasheet(PDF) 44 Page - STMicroelectronics

Part # L6714D
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714D Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L6714D Datasheet HTML 40Page - STMicroelectronics L6714D Datasheet HTML 41Page - STMicroelectronics L6714D Datasheet HTML 42Page - STMicroelectronics L6714D Datasheet HTML 43Page - STMicroelectronics L6714D Datasheet HTML 44Page - STMicroelectronics L6714D Datasheet HTML 45Page - STMicroelectronics L6714D Datasheet HTML 46Page - STMicroelectronics L6714D Datasheet HTML 47Page - STMicroelectronics L6714D Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 70 page
background image
Soft start
L6714
44/70
Figure 15. Soft-start time for Intel mode.
15.2
AMD mode
Once L6714 receives all the correct supplies and enables, and AMD Mode has been
selected, it initiates the Soft-Start by stepping the reference from zero up to the programmed
VID code (See Figure 14); the clock now used to step the reference is the same as the main
oscillator programmed by the OSC pin, SSOSC pin is not applicable in this case. The Soft-
Start time results then (See Figure 16):
where TSS is the time spent to reach VSS and FSW is the main switching frequency
programmed by OSC pin. Protections are active during Soft-Start, UVP is enabled after the
reference reaches 0.6V while OVP is always active with the fixed 1.800V threshold (or the
programmed VOVP).
0
1
2
3
4
5
6
7
8
1
10
100
1000
Rssosc [kOhms] vs. SGND
Time to Vboot
Time to 1.6000V
dV
OUT
dT
------------------
3.125
F
SW kkHz
[]
⋅
=
T
SS
V
SS
3.125
F
SW kHz
[]
⋅
--------------------------------------------------
=
⇒



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com