Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2440IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2440IGN
Description  24-Bit High Speed Differential delta-sigma ADC with Selectable Speed/Resolution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2440IGN Datasheet(HTML) 1 Page - Linear Technology

  LTC2440IGN Datasheet HTML 1Page - Linear Technology LTC2440IGN Datasheet HTML 2Page - Linear Technology LTC2440IGN Datasheet HTML 3Page - Linear Technology LTC2440IGN Datasheet HTML 4Page - Linear Technology LTC2440IGN Datasheet HTML 5Page - Linear Technology LTC2440IGN Datasheet HTML 6Page - Linear Technology LTC2440IGN Datasheet HTML 7Page - Linear Technology LTC2440IGN Datasheet HTML 8Page - Linear Technology LTC2440IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC2440
1
sn2440, 2440fas
The LTC
®2440 is a high speed 24-bit No Latency
∆ΣTMADC
with 5ppm INL and 5
µV offset. It uses proprietary delta-
sigma architecture enabling variable speed and resolution
with no latency. Ten speed/resolution combinations (6.9Hz/
200nVRMS to 3.5kHz/25µVRMS) are programmed through
a simple serial interface. Alternatively, by tying a single pin
HIGH or LOW, a fast (880Hz/2
µVRMS) or ultralow noise
(6.9Hz, 200nVRMS, 50/60Hz rejection) speed/resolution
combination can be easily selected. The accuracy (offset,
full-scale, linearity, drift) and power dissipation are inde-
pendent of the speed selected. Since there is no latency,
a speed/resolution change may be made between conver-
sions with no degradation in performance.
Following each conversion cycle, the LTC2440 automati-
cally enters a low power sleep state. Power dissipation
may be reduced by increasing the duration of this sleep
state. For example, running at the 3.5kHz conversion
speed but reading data at a 100Hz rate draws 240
µA
average current (1.1mW) while reading data at a 7Hz
output rate draws only 25
µA (125µW).The LTC2440 com-
municates through a flexible 3-wire or 4-wire digital inter-
face that is compatible with the LTC2410 and is available
in a narrow 16-lead SSOP package.
■
High Speed Multiplexing
■ Weight Scales
■ Auto Ranging 6-Digit DVMs
■
Direct Temperature Measurement
■ High Speed Data Acquisition
, LTC and LT are registered trademarks of Linear Technology Corporation.
■ Up to 3.5kHz Output Rate
■
Selectable Speed/Resolution
■ 2
µVRMS Noise at 880Hz Output Rate
■ 200nVRMS Noise at 6.9Hz Output Rate with
Simultaneous 50/60Hz Rejection
■ 0.0005% INL, No Missing Codes
■ Autosleep Enables 20
µA Operation at 6.9Hz
■
<5
µV Offset (4.5V < VCC < 5.5V, –40°C to 85°C)
■ Differential Input and Differential Reference with
GND to VCC Common Mode Range
■
No Latency, Each Conversion is Accurate Even After
an Input Step
■ Internal Oscillator—No External Components
■
Pin Compatible with the LTC2410
■ 24-Bit ADC in Narrow 16-Lead SSOP Package
24-Bit High Speed
Differential
∆Σ ADC with
Selectable Speed/Resolution
Speed vs RMS Noise
Simple 24-Bit 2-Speed Acquisition System
215
3
13
12
5
6
11
10
2440 TA01
2440 TA01
14
7
1, 8, 9, 16
REFERENCE VOLTAGE
0.1V TO VCC
ANALOG INPUT
–0.5VREF TO 0.5VREF
3-WIRE
SPI INTERFACE
6.9Hz, 200nV NOISE,
50/60Hz REJECTION
880Hz OUTPUT RATE,
2
µV NOISE
10-SPEED SERIAL
PROGRAMMABLE
VCC
4.5V TO 5.5V
4
VCC
BUSY
FO
REF+
SCK
IN+
IN–
SDO
GND
CS
EXT
SDI
LTC2440
REF–
CONVERSION RATE (Hz)
1
0.1
1
10
100
10
100
2440 TA02
1000
10000
VCC = 5V
VREF = 5V
VIN
+ = V
IN
– = 0V
2
µV AT 880Hz
200nV AT 6.9Hz
(50/60Hz REJECTION)
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
No Latency
∆Σ is a trademark of Linear Technology Corporation.


Similar Part No. - LTC2440IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2440 LINER-LTC2440 Datasheet
206Kb / 20P
Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC2440 LINER-LTC2440 Datasheet
290Kb / 16P
Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC2440 LINER-LTC2440 Datasheet
507Kb / 22P
Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LTC2440 LINER-LTC2440_15 Datasheet
367Kb / 28P
24-Bit High Speed Differential ADC with Selectable Speed/Resolution
More results

Similar Description - LTC2440IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2444 LINER-LTC2444 Datasheet
261Kb / 28P
24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
LTC2442 LINER-LTC2442 Datasheet
399Kb / 32P
24-Bit High Speed 4-Channel Delta-Sigma ADC with Integrated Amplifi er
LTC2440 LINER-LTC2440_15 Datasheet
367Kb / 28P
24-Bit High Speed Differential ADC with Selectable Speed/Resolution
LTC2448 LINER-LTC2448_15 Datasheet
307Kb / 28P
24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
logo
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
24-Bit Sigma-Delta ADC
logo
Core Technology (Shenzh...
CS1231 CHIPSEA-CS1231 Datasheet
674Kb / 21P
24-bit Sigma-Delta ADC
CS1232 CHIPSEA-CS1232 Datasheet
685Kb / 23P
24-bit Sigma-Delta ADC
CS1237 CHIPSEA-CS1237 Datasheet
604Kb / 19P
24-bit Sigma-Delta ADC
CS1238 CHIPSEA-CS1238 Datasheet
703Kb / 20P
24-bit Sigma-Delta ADC
CS1242 CHIPSEA-CS1242 Datasheet
709Kb / 29P
24-bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com