Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2440IGN Datasheet(PDF) 15 Page - Linear Technology

Part # LTC2440IGN
Description  24-Bit High Speed Differential delta-sigma ADC with Selectable Speed/Resolution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2440IGN Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC2440IGN Datasheet HTML 11Page - Linear Technology LTC2440IGN Datasheet HTML 12Page - Linear Technology LTC2440IGN Datasheet HTML 13Page - Linear Technology LTC2440IGN Datasheet HTML 14Page - Linear Technology LTC2440IGN Datasheet HTML 15Page - Linear Technology LTC2440IGN Datasheet HTML 16Page - Linear Technology LTC2440IGN Datasheet HTML 17Page - Linear Technology LTC2440IGN Datasheet HTML 18Page - Linear Technology LTC2440IGN Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LTC2440
15
sn2440, 2440fas
APPLICATIO S I FOR ATIO
Figure 5. External Serial Clock, Single Cycle Operation
EOC
BIT 31
SDO
BUSY
SCK
(EXTERNAL)
CS
TEST EOC
SUB LSB
MSB
SIG
BIT 0
LSB
BIT 5
BIT 27
BIT 26
BIT 28
BIT 29
BIT 30
SLEEP
DATA OUTPUT
CONVERSION
2440 F05
CONVERSION
Hi-Z
Hi-Z
Hi-Z
TEST EOC
TEST EOC
= EXTERNAL OSCILLATOR
= INTERNAL OSCILLATOR
VCC
FO
BUSY
REF+
REF–
SCK
IN+
IN–
SDO
GND
CS
EXT
2
14
15
3
4
13
5
6
12
1, 8, 9, 16
11
10
SDI
7
REFERENCE VOLTAGE
0.1V TO VCC
ANALOG INPUT RANGE
–0.5VREF TO 0.5VREF
1
µF
4.5V TO 5.5V
LTC2440
3-WIRE
SPI INTERFACE
200nV NOISE, 50/60Hz REJECTION
10-SPEED/RESOLUTION PROGRAMMABLE
2
µV NOISE, 880Hz OUTPUT RATE
VCC
EOC = 1 (BUSY = 1) while a conversion is in progress and
EOC = 0 (BUSY = 0) if the device is in the sleep state.
Independent of CS, the device automatically enters the low
power sleep state once the conversion is complete.
When the device is in the sleep state (EOC = 0), its
conversion result is held in an internal static shift regis-
ter. The device remains in the sleep state until the first
rising edge of SCK is seen. Data is shifted out the SDO pin
on each falling edge of SCK. This enables external circuitry
to latch the output on the rising edge of SCK. EOC can be
latched on the first rising edge of SCK and the last bit of
the conversion result can be latched on the 32nd rising
edge of SCK. On the 32nd falling edge of SCK, the device
begins a new conversion. SDO goes HIGH (EOC = 1) and
BUSY goes HIGH indicating a conversion is in progress.
At the conclusion of the data cycle, CS may remain LOW
and EOC monitored as an end-of-conversion interrupt.
Alternatively, CS may be driven HIGH setting SDO to Hi-Z
and BUSY monitored for the completion of a conversion.
As described above, CS may be pulled LOW at any time in
order to monitor the conversion status on the SDO pin.
Typically, CS remains LOW during the data output state.
However, the data output state may be aborted by pulling
CS HIGH anytime between the fifth falling edge (SDI must
be properly loaded each cycle) and the 32nd falling edge
of SCK, see Figure 6. On the rising edge of CS, the device
aborts the data output state and immediately initiates a
new conversion. This is useful for systems not requiring
all 32-bits of output data, aborting an invalid conversion
cycle or synchronizing the start of a conversion.
External Serial Clock, 2-Wire I/O
This timing mode utilizes a 2-wire serial I/O interface. The
conversion result is shifted out of the device by an exter-
nally generated serial clock (SCK) signal, see Figure 7. CS
may be permanently tied to ground, simplifying the user
interface or isolation barrier. The external serial clock
mode is selected by tying EXT LOW.
Since CS is tied LOW, the end-of-conversion (EOC) can be
continuously monitored at the SDO pin during the convert
and sleep states. Conversely, BUSY (Pin 15) may be used
to monitor the status of the conversion cycle. EOC or BUSY
may be used as an interrupt to an external controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com