Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2440IGN Datasheet(PDF) 28 Page - Linear Technology

Part # LTC2440IGN
Description  24-Bit High Speed Differential delta-sigma ADC with Selectable Speed/Resolution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2440IGN Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC2440IGN Datasheet HTML 20Page - Linear Technology LTC2440IGN Datasheet HTML 21Page - Linear Technology LTC2440IGN Datasheet HTML 22Page - Linear Technology LTC2440IGN Datasheet HTML 23Page - Linear Technology LTC2440IGN Datasheet HTML 24Page - Linear Technology LTC2440IGN Datasheet HTML 25Page - Linear Technology LTC2440IGN Datasheet HTML 26Page - Linear Technology LTC2440IGN Datasheet HTML 27Page - Linear Technology LTC2440IGN Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTC2440
28
sn2440, 2440fas
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2002
LT/TP 0105 REV A • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1025
Micropower Thermocouple Cold Junction Compensator
80
µA Supply Current, 0.5°C Initial Accuracy
LTC1043
Dual Precision Instrumentation Switched Capacitor
Precise Charge, Balanced Switching, Low Power
Building Block
LTC1050
Precision Chopper Stabilized Op Amp
No External Components 5
µV Offset, 1.6µVP-P Noise
LT1236A-5
Precision Bandgap Reference, 5V
0.05% Max, 5ppm/
°C Drift
LT1461
Micropower Series Reference, 2.5V
0.04% Max, 3ppm/
°C Max Drift
LTC1592
Ultraprecise 16-Bit SoftSpan
TM DAC
Six Programmable Output Ranges
LTC1655
16-Bit Rail-to-Rail Micropower DAC
±1LSB DNL, 600µA, Internal Reference, SO-8
LTC1799
Resistor Set SOT-23 Oscillator
Single Resistor Frequency Set
LTC2053
Rail-to-Rail Instrumentation Amplifier
10
µV Offset with 50nV/°C Drift, 2.5µVP-P Noise 0.01Hz to 10Hz
LTC2400
24-Bit, No Latency
∆Σ ADC in SO-8
0.3ppm Noise, 4ppm INL, 10ppm Total Unadjusted Error, 200
µA
LTC2401/LTC2402
1-/2-Channel, 24-Bit, No Latency
∆Σ ADC in MSOP
0.6ppm Noise, 4ppm INL, 10ppm Total Unadjusted Error, 200
µA
LTC2404/LTC2408
4-/8-Channel, 24-Bit, No Latency
∆Σ ADC
0.3ppm Noise, 4ppm INL, 10ppm Total Unadjusted Error, 200
µA
LTC2410/LTC2413
24-Bit, No Latency
∆Σ ADC
800nVRMS Noise, 5ppm INL/Simultaneous 50Hz/60Hz Rejection
LTC2411
24-Bit, No Latency
∆Σ ADC in MSOP
1.45
µVRMS Noise, 6ppm INL
LTC2420LTC2424/
1-/4-/8-Channel, 20-Bit, No Latency
∆Σ ADCs
1.2ppm Noise, 8ppm INL, Pin Compatible with LTC2400/
LTC2428
LTC2404/LTC2408
SoftSpan is a trademark of Linear Technology Corporation.
Figure 23. Bridge Reversal Eliminates 1/f Noise and Offset Drift of a Low Noise, Non-autozeroed, Bipolar Amplifier.
Circuit Gives 14nV Noise Level or 19 Effective Bits Over a 10mV Span
REF+
REF–
IN+
IN–
VREF
0.1
µF
10
µF
4
LTC2440
2440 F22
+7V
LT1461-5
1k 0.1%
10
Ω
100
Ω 0.1%
0.047
µF
1
µF
1k 0.1%
10
Ω
0.047
µF
1
µF
+
–
–
+
2X LT1677
2X SILICONIX SI9801
5,6,7,8
100k
100k
TOP_N
TOP_P
VREF
1
3
2
5,6,7,8
4
100k
100k
BOTTOM_N
BOTTOM_P
VREF
1
3
2
4
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com