Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2440IGN Datasheet(PDF) 26 Page - Linear Technology

Part # LTC2440IGN
Description  24-Bit High Speed Differential delta-sigma ADC with Selectable Speed/Resolution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2440IGN Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC2440IGN Datasheet HTML 20Page - Linear Technology LTC2440IGN Datasheet HTML 21Page - Linear Technology LTC2440IGN Datasheet HTML 22Page - Linear Technology LTC2440IGN Datasheet HTML 23Page - Linear Technology LTC2440IGN Datasheet HTML 24Page - Linear Technology LTC2440IGN Datasheet HTML 25Page - Linear Technology LTC2440IGN Datasheet HTML 26Page - Linear Technology LTC2440IGN Datasheet HTML 27Page - Linear Technology LTC2440IGN Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
LTC2440
26
sn2440, 2440fas
APPLICATIO S I FOR ATIO
Example:
If an amplifier (e.g. LT1219) driving the input of an
LTC2440 has wideband noise of 33nV/
√Hz, band-limited
to 1.8MHz, the total noise entering the ADC input is:
33nV/
√Hz • √1.8MHz = 44.3µV.
When the ADC digitizes the input, its digital filter filters out
the wideband noise from the input signal. The noise
reduction depends on the oversample ratio which defines
the effective bandwidth of the digital filter.
At an oversample of 256, the noise bandwidth of the ADC
is 787Hz which reduces the total amplifier noise to:
33nV/
√Hz • √787Hz = 0.93µV.
The total noise is the RMS sum of this noise with the 2
µV
noise of the ADC at OSR=256.
√0.93µV2 + 2uV2 = 2.2µV.
Increasing the oversampling ratio to 32768 reduces the
noise bandwidth of the ADC to 6.2Hz which reduces the
total amplifier noise to:
33nV/
√Hz • √6.2Hz = 82nV.
The total noise is the RMS sum of this noise with the 200nV
noise of the ADC at OSR = 32768.
√82nV2 + 2µV2 = 216nV.
In this way, the digital filter with its variable oversampling
ratio can greatly reduce the effects of external noise
sources.
Using Non-Autozeroed Amplifiers for Lowest Noise
Applications
Ultralow noise applications may require the use of low
noise bipolar amplifiers that are not autozeroed. Because
the LTC2440 has such exceptionally low offset, offset drift
and 1/f noise, the offset drift and 1/f noise in the amplifiers
may need to be compensated for to retain the system
performance of which the ADC is capable.
The circuit of Figure 23 uses low noise bipolar amplifiers
and correlated double sampling to achieve a resolution of
14nV, or 19 effective bits over a 10mV span. Each mea-
surement is the difference between two ADC readings
taken with opposite polarity bridge excitation. This can-
cels 1/f noise below 3.4Hz and eliminates errors due to
parasitic thermocouples. Allow 750
µs settling time after
switching excitation polarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com