Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2440IGN Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2440IGN
Description  24-Bit High Speed Differential delta-sigma ADC with Selectable Speed/Resolution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2440IGN Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2440IGN Datasheet HTML 9Page - Linear Technology LTC2440IGN Datasheet HTML 10Page - Linear Technology LTC2440IGN Datasheet HTML 11Page - Linear Technology LTC2440IGN Datasheet HTML 12Page - Linear Technology LTC2440IGN Datasheet HTML 13Page - Linear Technology LTC2440IGN Datasheet HTML 14Page - Linear Technology LTC2440IGN Datasheet HTML 15Page - Linear Technology LTC2440IGN Datasheet HTML 16Page - Linear Technology LTC2440IGN Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC2440
13
sn2440, 2440fas
Chip Select Input (CS)
The active LOW chip select, CS (Pin 11), is used to test the
conversion status and to enable the data output transfer as
described in the previous sections.
In addition, the CS signal can be used to trigger a new
conversion cycle before the entire serial data transfer has
been completed. The LTC2440 will abort any serial data
transfer in progress and start a new conversion cycle
anytime a LOW-to-HIGH transition is detected at the CS
pin after the converter has entered the data output state
(i.e., after the fifth falling edge of SCK occurs with
CS=LOW).
Serial Data Input (SDI)—Logic Level Speed Selection
The serial data input (SDI, Pin 7) is used to select the
speed/resolution of the LTC2440. A simple 2-speed con-
trol is selectable by either driving SDI HIGH or LOW. If SDI
is grounded (pin compatible with LTC2410) the device
outputs data at 880Hz with 21 bits effective resolution. By
tying SDI HIGH, the converter enters the ultralow noise
mode (200nVRMS) with simultaneous 50/60Hz rejection at
6.9Hz output rate. SDI may be driven logic HIGH or LOW
anytime during the conversion or sleep state in order to
change the speed/resolution. The conversion immediately
following the data output cycle will be valid and performed
at the newly selected output rate/resolution.
Changing SDI logic state during the data output cycle
should be avoided as speed resolution other than 6.9Hz or
880Hz may be selected. For example, if SDI is changed
from logic 0 to logic 1 after the second rising edge of SCK,
the conversion rate will change from 880Hz to 55Hz (the
following values are listed in Table 3: OSR4 = 0, OSR3 = 0,
OSR2 = 1, OSR1 = 1 and OSR0 = 1). If SDI remains HIGH,
the conversion rate will switch to the desired 6.9Hz speed
immediately following the conversion at 55Hz. The 55Hz
rate conversion cycle will be a valid result as well as the
first 6.9Hz result. On the other hand, if SDI is changed to
a 1 anytime before the first rising edge of SCK, the
following conversion rate will become 6.9Hz. If SDI is
changed to a 1 after the 5th rising edge of SCK, the next
conversion will remain 880Hz while all subsequent con-
versions will be at 6.9Hz.
Serial Data Input (SDI)—Serial Input Speed Selection
SDI may also be programmed by a serial input data stream
under control of SCK during the data output cycle, see
Figure 4. One of ten speed/resolution ranges (from 6.9Hz/
200nVRMS to 3.5kHz/21µVRMS) may be selected, see
Table 3. The conversion following a new selection is valid
and performed at the newly selected speed/resolution.
BUSY
The BUSY output (Pin 15) is used to monitor the state of
conversion, data output and sleep cycle. While the part is
converting, the BUSY pin is HIGH. Once the conversion is
complete, BUSY goes LOW indicating the conversion is
complete and data out is ready. The part now enters the
LOW power sleep state. BUSY remains LOW while data is
shifted out of the device. It goes HIGH at the conclusion of
the data output cycle indicating a new conversion has
begun. This rising edge may be used to flag the completion
of the data read cycle.
SERIAL INTERFACE TIMING MODES
The LTC2440’s 2-wire, 3-wire or 4-wire interface is SPI
and MICROWIRE compatible. This interface offers several
flexible modes of operation. These include internal/exter-
nal serial clock, 2-wire or 3-wire I/O, single cycle conver-
sion and autostart. The following sections describe each
of these serial interface timing modes in detail. In all these
cases, the converter can use the internal oscillator (FO =
LOW) or an external oscillator connected to the FO pin. See
Table 4 for a summary.
External Serial Clock, Single Cycle Operation
(SPI/MICROWIRE Compatible)
This timing mode uses an external serial clock to shift out
the conversion result and a CS signal to monitor and
control the state of the conversion cycle, see Figure 5.
The serial clock mode is selected by the EXT pin. To select
the external serial clock mode, EXT must be tied low.
The serial data output pin (SDO) is Hi-Z as long as CS is
HIGH. At any time during the conversion cycle, CS may be
pulled LOW in order to monitor the state of the converter.
While CS is pulled LOW, EOC is output to the SDO pin.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com