Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2440IGN Datasheet(PDF) 24 Page - Linear Technology

Part # LTC2440IGN
Description  24-Bit High Speed Differential delta-sigma ADC with Selectable Speed/Resolution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2440IGN Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC2440IGN Datasheet HTML 20Page - Linear Technology LTC2440IGN Datasheet HTML 21Page - Linear Technology LTC2440IGN Datasheet HTML 22Page - Linear Technology LTC2440IGN Datasheet HTML 23Page - Linear Technology LTC2440IGN Datasheet HTML 24Page - Linear Technology LTC2440IGN Datasheet HTML 25Page - Linear Technology LTC2440IGN Datasheet HTML 26Page - Linear Technology LTC2440IGN Datasheet HTML 27Page - Linear Technology LTC2440IGN Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LTC2440
24
sn2440, 2440fas
VCC
FO
REF+
REF–
SCK
BUSY
IN+
IN–
SDO
CS
EXT
0.1
µF
4
13
5
6
12
1, 8, 9, 16
11
10
15
SDI
7
5V
10
µF
0.01
µF
LTC2440
2440 F19
14
10
Ω
IN+
5k
C2
C2, C5 TAIYO YUDEN JMK107BJ105MA
4.7
µF
8-12V
LT1236-5
1
µF
C1
R1
R2
R4
R5
0.01
µF
1/
2 LTC2051HV
C5
1
µF
10
Ω
IN–
5k
C4
0.01
µF
1/
2 LTC2051HV
+
–
+
–
fastest expected input signal. Figure 20 shows the large
signal response of the circuit in Figure 19.
3. Measure noise performance of the complete circuit. A
good technique is to build one amplifier for each input,
even if only one will be used in the end application. Bias
both amplifier outputs to midscale, with the inputs tied
together. Verify that the noise is as expected, taking into
account the bandwidth of the LTC2440 inputs for the OSR
being used, the amplifier’s broadband voltage noise and
1/f corner (if any) and any additional noise due to the
amplifier’s current noise and source resistance.
APPLICATIO S I FOR ATIO
For more information on testing high linearity ADCs, refer
to Linear Technology Design Solutions 11.
Input Bandwidth and Frequency Rejection
The combined effect of the internal SINC4 digital filter and
the digital and analog autocalibration circuits determines
the LTC2440 input bandwidth and rejection characteris-
tics. The digital filter’s response can be adjusted by setting
the oversample ratio (OSR) through the SPI interface or by
supplying an external conversion clock to the FO pin.
Table 6 lists the properties of the LTC2440 with various
Figure 19. Buffering the LTC2440 from High Impedance Sources Using A Chopper Amplifier
Figure 20. Large Signal Input Settling Time Indicates Completed
Settling with Selected Load Capacitance.
2440 F20
100
µs/DIV
Figure 21. Dynamic Input Current is Attenuated by Load
Capacitance and Completly Settled Before the Next Conversion
Sample Resulting in No Reduction in Performance.
2440 F21
5ns/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com