Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2440IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2440IGN
Description  24-Bit High Speed Differential delta-sigma ADC with Selectable Speed/Resolution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2440IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2440IGN Datasheet HTML 6Page - Linear Technology LTC2440IGN Datasheet HTML 7Page - Linear Technology LTC2440IGN Datasheet HTML 8Page - Linear Technology LTC2440IGN Datasheet HTML 9Page - Linear Technology LTC2440IGN Datasheet HTML 10Page - Linear Technology LTC2440IGN Datasheet HTML 11Page - Linear Technology LTC2440IGN Datasheet HTML 12Page - Linear Technology LTC2440IGN Datasheet HTML 13Page - Linear Technology LTC2440IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTC2440
10
sn2440, 2440fas
operation cycle and data out format is compatible with the
LTC2410.
Initially, the LTC2440 performs a conversion. Once the
conversion is complete, the device enters the sleep state.
While in this sleep state, power consumption is reduced
below 10
µA. The part remains in the sleep state as long as
CS is HIGH. The conversion result is held indefinitely in a
static shift register while the converter is in the sleep state.
Once CS is pulled LOW, the device begins outputting the
conversion result. There is no latency in the conversion
result. The data output corresponds to the conversion just
performed. This result is shifted out on the serial data out
pin (SDO) under the control of the serial clock (SCK). Data
is updated on the falling edge of SCK allowing the user to
reliably latch data on the rising edge of SCK (see Figure 3).
The data output state is concluded once 32-bits are read
out of the ADC or when CS is brought HIGH. The device au-
tomatically initiates a new conversion and the cycle repeats.
Through timing control of the CS, SCK and EXT pins, the
LTC2440 offers several flexible modes of operation
(internal or external SCK). These various modes do not
require programming configuration registers; moreover,
they do not disturb the cyclic operation described above.
These modes of operation are described in detail in the
Serial Interface Timing Modes section.
Ease of Use
The LTC2440 data output has no latency, filter settling
delay or redundant data associated with the conversion
cycle. There is a one-to-one correspondence between the
conversion and the output data. Therefore, multiplexing
multiple analog voltages is easy. Speed/resolution ad-
justments may be made seamlessly between two conver-
sions without settling errors.
The LTC2440 performs offset and full-scale calibrations
every conversion cycle. This calibration is transparent to
the user and has no effect on the cyclic operation de-
scribed above. The advantage of continuous calibration is
extreme stability of offset and full-scale readings with re-
spect to time, supply voltage change and temperature drift.
APPLICATIO S I FOR ATIO
Power-Up Sequence
The LTC2440 automatically enters an internal reset state
when the power supply voltage VCC drops below
approximately 2.2V. This feature guarantees the integrity
of the conversion result and of the serial interface mode
selection.
When the VCC voltage rises above this critical threshold,
the converter creates an internal power-on-reset (POR)
signal with a duration of approximately 0.5ms. The POR
signal clears all internal registers. Following the POR
signal, the LTC2440 starts a normal conversion cycle and
follows the succession of states described above. The first
conversion result following POR is accurate within the
specifications of the device if the power supply voltage is
restored within the operating range (4.5V to 5.5V) before
the end of the POR time interval.
Reference Voltage Range
This converter accepts a truly differential external refer-
ence voltage. The absolute/common mode voltage speci-
fication for the REF+ and REF– pins covers the entire range
from GND to VCC. For correct converter operation, the
REF+ pin must always be more positive than the REF– pin.
The LTC2440 can accept a differential reference voltage
from 0.1V to VCC. The converter output noise is deter-
mined by the thermal noise of the front-end circuits, and
as such, its value in microvolts is nearly constant with
reference voltage. A decrease in reference voltage will not
significantly improve the converter’s effective resolution.
On the other hand, a reduced reference voltage will im-
prove the converter’s overall INL performance.
Input Voltage Range
The analog input is truly differential with an absolute/
common mode range for the IN+ and IN– input pins
extending from GND – 0.3V to VCC + 0.3V. Outside
these limits, the ESD protection devices begin to turn on
and the errors due to input leakage current increase
rapidly. Within these limits, the LTC2440 converts the
bipolar differential input signal, VIN = IN+ – IN–, from
– FS = – 0.5 • VREF to +FS = 0.5 • VREF where VREF =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com