Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2440IGN Datasheet(PDF) 17 Page - Linear Technology

Part # LTC2440IGN
Description  24-Bit High Speed Differential delta-sigma ADC with Selectable Speed/Resolution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2440IGN Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC2440IGN Datasheet HTML 13Page - Linear Technology LTC2440IGN Datasheet HTML 14Page - Linear Technology LTC2440IGN Datasheet HTML 15Page - Linear Technology LTC2440IGN Datasheet HTML 16Page - Linear Technology LTC2440IGN Datasheet HTML 17Page - Linear Technology LTC2440IGN Datasheet HTML 18Page - Linear Technology LTC2440IGN Datasheet HTML 19Page - Linear Technology LTC2440IGN Datasheet HTML 20Page - Linear Technology LTC2440IGN Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LTC2440
17
sn2440, 2440fas
APPLICATIO S I FOR ATIO
indicating the conversion result is ready. EOC = 1
(BUSY = 1) while the conversion is in progress and
EOC = 0 (BUSY = 0) once the conversion enters the low
power sleep state. On the falling edge of EOC/BUSY, the
conversion result is loaded into an internal static shift
register. The device remains in the sleep state until the
first rising edge of SCK. Data is shifted out the SDO pin
on each falling edge of SCK enabling external circuitry to
latch data on the rising edge of SCK. EOC can be latched
on the first rising edge of SCK. On the 32nd falling edge
of SCK, SDO and BUSY go HIGH (EOC = 1) indicating a
new conversion has begun.
Internal Serial Clock, Single Cycle Operation
This timing mode uses an internal serial clock to shift out
the conversion result and a CS signal to monitor and
control the state of the conversion cycle, see Figure 8.
In order to select the internal serial clock timing mode, the
EXT pin must be tied HIGH.
The serial data output pin (SDO) is Hi-Z as long as CS is
HIGH. At any time during the conversion cycle, CS may be
pulled LOW in order to monitor the state of the converter.
Once CS is pulled LOW, SCK goes LOW and EOC is output
to the SDO pin. EOC = 1 while a conversion is in progress
and EOC = 0 if the device is in the sleep state. Alternatively,
BUSY (Pin 15) may be used to monitor the status of the
conversion in progress. BUSY is HIGH during the conver-
sion and goes LOW at the conclusion. It remains LOW until
the result is read from the device.
When testing EOC, if the conversion is complete (EOC = 0),
the device will exit the sleep state and enter the data output
state if CS remains LOW. In order to prevent the device
from exiting the low power sleep state, CS must be pulled
HIGH before the first rising edge of SCK. In the internal
SCK timing mode, SCK goes HIGH and the device begins
outputting data at time tEOCtest after the falling edge of CS
(if EOC = 0) or tEOCtest after EOC goes LOW (if CS is LOW
during the falling edge of EOC). The value of tEOCtest is
500ns. If CS is pulled HIGH before time tEOCtest, the device
remains in the sleep state. The conversion result is held in
the internal static shift register.
If CS remains LOW longer than tEOCtest, the first rising
edge of SCK will occur and the conversion result is serially
shifted out of the SDO pin. The data output cycle begins on
Figure 8. Internal Serial Clock, Single Cycle Operation
SDO
BUSY
SCK
(INTERNAL)
CS
MSB
SIG
BIT 0
LSB24
BIT 5
TEST EOC
BIT 27
BIT 26
BIT 28
BIT 29
BIT 30
EOC
BIT 31
SLEEP
DATA OUTPUT
CONVERSION
CONVERSION
2440 F08
<tEOCtest
Hi-Z
Hi-Z
Hi-Z
Hi-Z
TEST EOC
= EXTERNAL OSCILLATOR
= INTERNAL OSCILLATOR
VCC
FO
REF+
REF–
SCK
BUSY
IN+
IN–
SDO
GND
CS
EXT
2
14
3
4
13
5
6
12
1, 8, 9, 16
11
10
VCC
15
SDI
7
REFERENCE VOLTAGE
0.1V TO VCC
ANALOG INPUT RANGE
–0.5VREF TO 0.5VREF
1
µF
4.5V TO 5.5V
LTC2440
3-WIRE
SPI INTERFACE
200nV NOISE, 50/60Hz REJECTION
10-SPEED/RESOLUTION PROGRAMMABLE
2
µV NOISE, 880Hz OUTPUT RATE
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com