Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2440IGN Datasheet(PDF) 16 Page - Linear Technology

Part # LTC2440IGN
Description  24-Bit High Speed Differential delta-sigma ADC with Selectable Speed/Resolution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2440IGN Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2440IGN Datasheet HTML 12Page - Linear Technology LTC2440IGN Datasheet HTML 13Page - Linear Technology LTC2440IGN Datasheet HTML 14Page - Linear Technology LTC2440IGN Datasheet HTML 15Page - Linear Technology LTC2440IGN Datasheet HTML 16Page - Linear Technology LTC2440IGN Datasheet HTML 17Page - Linear Technology LTC2440IGN Datasheet HTML 18Page - Linear Technology LTC2440IGN Datasheet HTML 19Page - Linear Technology LTC2440IGN Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LTC2440
16
sn2440, 2440fas
APPLICATIO S I FOR ATIO
Figure 6. External Serial Clock, Reduced Data Output Length
SDO
15
BUSY
SCK
(EXTERNAL)
CS
DATA OUTPUT
CONVERSION
SLEEP
SLEEP
TEST EOC
TEST EOC
DATA OUTPUT
Hi-Z
Hi-Z
Hi-Z
CONVERSION
2410 F06
MSB
SIG
BIT 8
BIT 27
BIT 9
BIT 28
BIT 29
BIT 30
EOC
BIT 31
BIT 0
EOC
Hi-Z
TEST EOC
= EXTERNAL OSCILLATOR
= INTERNAL OSCILLATOR
VCC
FO
REF+
REF–
SCK
IN+
IN–
SDO
GND
CS
EXT
2
14
BUSY
15
3
4
13
5
6
12
1, 8, 9, 16
11
10
SDI
7
REFERENCE VOLTAGE
0.1V TO VCC
ANALOG INPUT RANGE
–0.5VREF TO 0.5VREF
1
µF
4.5V TO 5.5V
LTC2440
3-WIRE
SPI INTERFACE
200nV NOISE, 50/60Hz REJECTION
10-SPEED/RESOLUTION PROGRAMMABLE
2
µV NOISE, 880Hz OUTPUT RATE
VCC
Figure 7. External Serial Clock, CS = 0 Operation (2-Wire)
EOC
BIT 31
SDO
BUSY
SCK
(EXTERNAL)
CS
MSB
SIG
BIT 0
LSB24
BIT 5
BIT 27
BIT 26
BIT 28
BIT 29
BIT 30
SLEEP
DATA OUTPUT
CONVERSION
2440 F07
CONVERSION
= EXTERNAL OSCILLATOR
= INTERNAL OSCILLATOR
VCC
FO
REF+
REF–
SCK
IN+
IN–
SDO
GND
CS
EXT
2
14
BUSY
15
3
4
13
5
6
12
1, 8, 9, 16
11
10
SDI
7
REFERENCE VOLTAGE
0.1V TO VCC
ANALOG INPUT RANGE
–0.5VREF TO 0.5VREF
1
µF
4.5V TO 5.5V
LTC2440
3-WIRE
SPI INTERFACE
200nV NOISE, 50/60Hz REJECTION
10-SPEED/RESOLUTION PROGRAMMABLE
2
µV NOISE, 880Hz OUTPUT RATE
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com