Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2440IGN Datasheet(PDF) 20 Page - Linear Technology

Part # LTC2440IGN
Description  24-Bit High Speed Differential delta-sigma ADC with Selectable Speed/Resolution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2440IGN Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC2440IGN Datasheet HTML 16Page - Linear Technology LTC2440IGN Datasheet HTML 17Page - Linear Technology LTC2440IGN Datasheet HTML 18Page - Linear Technology LTC2440IGN Datasheet HTML 19Page - Linear Technology LTC2440IGN Datasheet HTML 20Page - Linear Technology LTC2440IGN Datasheet HTML 21Page - Linear Technology LTC2440IGN Datasheet HTML 22Page - Linear Technology LTC2440IGN Datasheet HTML 23Page - Linear Technology LTC2440IGN Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LTC2440
20
sn2440, 2440fas
APPLICATIO S I FOR ATIO
DIFFERENTIAL INPUT SIGNAL FREQUENCY (Hz)
47
–140
–130
–120
–110
–100
51
55
59
63
2440 F12
–90
–80
49
53
57
61
Figure 12. LTC2440 Normal Mode Rejection (Internal Oscillator)
Table 5. OSR vs Notch Frequency (fN) with Internal Oscillator
Running at 9MHz
OSR
NOTCH (fN)
64
28.16kHz
128
14.08kHz
256
7.04kHz
512
3.52kHz
1024
1.76kHz
2048
880Hz
4096
440Hz
8192
220Hz
16384
110Hz
32768*
55Hz
*Simultaneous 50/60 rejection
the noise performance of the device is 200nVRMS with
better than 80dB rejection of 50Hz
±2% and 60Hz ±2%.
Since the OSR is large (32,768) the wide band rejection is
extremely large and the antialiasing requirements are
simple. The first multiple of fS occurs at 55Hz • 32,768 =
1.8MHz, see Figure 13.
The first NULL becomes fN = 7.04kHz with an OSR of 256
(an output rate of 880Hz) and FO grounded. While the
NULL has shifted, the sample rate remains constant. As a
result of constant modulator sampling rate, the linearity,
offset and full-scale performance remains unchanged as
does the first multiple of fS.
Figure 13. LTC2440 Normal Mode Rejection (Internal Oscillator)
DIFFERENTIAL INPUT SIGNAL FREQUENCY (Hz)
0
–60
–40
0
1440 F13
–80
–100
1000000
2000000
–120
1.8MHz
–140
–20
REJECTION > 120dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com