Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2440IGN Datasheet(PDF) 25 Page - Linear Technology

Part # LTC2440IGN
Description  24-Bit High Speed Differential delta-sigma ADC with Selectable Speed/Resolution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2440IGN Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC2440IGN Datasheet HTML 20Page - Linear Technology LTC2440IGN Datasheet HTML 21Page - Linear Technology LTC2440IGN Datasheet HTML 22Page - Linear Technology LTC2440IGN Datasheet HTML 23Page - Linear Technology LTC2440IGN Datasheet HTML 24Page - Linear Technology LTC2440IGN Datasheet HTML 25Page - Linear Technology LTC2440IGN Datasheet HTML 26Page - Linear Technology LTC2440IGN Datasheet HTML 27Page - Linear Technology LTC2440IGN Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
LTC2440
25
sn2440, 2440fas
APPLICATIO S I FOR ATIO
combinations of oversample ratio and clock frequency.
Understanding these properties is the key to fine tuning
the characteristics of the LTC2440 to the application.
Maximum Conversion Rate
The maximum conversion rate is the fastest possible rate
at which conversions can be performed.
First Notch Frequency
This is the first notch in the SINC4 portion of the digital
filter and depends on the fo clock frequency and the
oversample ratio. Rejection at this frequency and its
multiples (up to the modulator sample rate of 1.8MHz)
exceeds 120dB. This is 8 times the maximum conversion
rate.
Effective Noise Bandwidth
The LTC2440 has extremely good input noise rejection
from the first notch frequency all the way out to the
modulator sample rate (typically 1.8MHz). Effective noise
bandwidth is a measure of how the ADC will reject wideband
input noise up to the modulator sample rate. The example
on the following page shows how the noise rejection of the
LTC2440 reduces the effective noise of an amplifier driv-
ing its input.
Table 6
Oversample Ratio
ADC
ENOB
Maximum Conversion Rate
First Notch Frequency
Effective Noise BW
–3dB point(Hz)
(OSR)
Noise*
(VREF = 5V)*
Internal
External
Internal
External
Internal
External
Internal
External
9MHz clock
fo
9MHz clock
fo
9MHz clock
fo
9MHz clock
fo
64
23
µV
17
3515.6
Fo/2560
28125
Fo/320
3148
Fo/2850
1696
Fo/5310
128
3.5
µV
20
1757.8
Fo/5120
14062.5
Fo/640
1574
Fo/5700
848
Fo/10600
256
2
µV
21.3
878.9
Fo/10240
7031.3
Fo/1280
787
Fo/11400
424
Fo/21200
512
1.4
µV
21.8
439.5
Fo/20480
3515.6
Fo/2560
394
Fo/22800
212
Fo/42500
1024
1
µV
22.4
219.7
Fo/40960
1757.8
Fo/5120
197
Fo/45700
106
Fo/84900
2048
750nV
22.9
109.9
Fo/81920
878.9
Fo/1020
98.4
Fo/91400
53
Fo/170000
4096
510nV
23.4
54.9
Fo/163840
439.5
Fo/2050
49.2
Fo/183000
26.5
Fo/340000
8192
375nV
24
27.5
Fo/327680
219.7
Fo/4100
24.6
Fo/366000
13.2
Fo/679000
16384
250nV
24.4
13.7
Fo/655360
109.9
Fo/8190
12.4
Fo/731000
6.6
Fo/1358000
32768
200nV
24.6
6.9
Fo/1310720
54.9
Fo/16380
6.2
Fo/1463000
3.3
Fo/2717000
*ADC noise increases by approximately
√2 when OSR is decreased by a factor of 2 for OSR 32768 to OSR 256. The ADC noise at OSR 128 and OSR 64
include effects from internal modulator quantization noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com