Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2440IGN Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2440IGN
Description  24-Bit High Speed Differential delta-sigma ADC with Selectable Speed/Resolution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2440IGN Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2440IGN Datasheet HTML 14Page - Linear Technology LTC2440IGN Datasheet HTML 15Page - Linear Technology LTC2440IGN Datasheet HTML 16Page - Linear Technology LTC2440IGN Datasheet HTML 17Page - Linear Technology LTC2440IGN Datasheet HTML 18Page - Linear Technology LTC2440IGN Datasheet HTML 19Page - Linear Technology LTC2440IGN Datasheet HTML 20Page - Linear Technology LTC2440IGN Datasheet HTML 21Page - Linear Technology LTC2440IGN Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTC2440
18
sn2440, 2440fas
APPLICATIO S I FOR ATIO
this first rising edge of SCK and concludes after the 32nd
rising edge. Data is shifted out the SDO pin on each falling
edge of SCK. The internally generated serial clock is output
to the SCK pin. This signal may be used to shift the
conversion result into external circuitry. EOC can be
latched on the first rising edge of SCK and the last bit of the
conversion result on the 32nd rising edge of SCK. After the
32nd rising edge, SDO goes HIGH (EOC = 1), SCK stays
HIGH and a new conversion starts.
Typically, CS remains LOW during the data output state.
However, the data output state may be aborted by pulling
CS HIGH anytime between the first and 32nd rising edge
of SCK, see Figure 9. In order to properly select the OSR
for the conversion following a data abort, five SCK rising
edges must be seen prior to performing a data out abort
(pulling CS HIGH). If CS is pulled high prior to the fifth SCK
falling edge, the OSR selected depends on the number of
SCK signals seen prior to data abort, where subsequent
nonaborted conversion cycles return to the programmed
OSR. On the rising edge of CS, the device aborts the data
output state and immediately initiates a new conversion.
This is useful for systems not requiring all 32-bits of
output data, aborting an invalid conversion cycle, or
synchronizing the start of a conversion.
Internal Serial Clock, 2-Wire I/O,
Continuous Conversion
This timing mode uses a 2-wire, all output (SCK and SDO)
interface. The conversion result is shifted out of the device
by an internally generated serial clock (SCK) signal, see
Figure 10. CS may be permanently tied to ground, simpli-
fying the user interface or isolation barrier. The internal
serial clock mode is selected by tying EXT HIGH.
During the conversion, the SCK and the serial data output
pin (SDO) are HIGH (EOC = 1) and BUSY = 1. Once the
conversion is complete, SCK, BUSY and SDO go LOW
(EOC = 0) indicating the conversion has finished and the
device has entered the low power sleep state. The part
remains in the sleep state a minimum amount of time
(
≈500ns) then immediately begins outputting data. The
data output cycle begins on the first rising edge of SCK and
Figure 9. Internal Serial Clock, Reduced Data Output Length
SDO
BUSY
SCK
(INTERNAL)
CS
>tEOCtest
MSB
SIG
BIT 8
TEST EOC
TEST EOC
BIT 27
BIT 26
BIT 28
BIT 29
BIT 30
EOC
BIT 31
EOC
BIT 0
SLEEP
DATA OUTPUT
Hi-Z
Hi-Z
5
1
Hi-Z
Hi-Z
Hi-Z
DATA OUTPUT
CONVERSION
CONVERSION
SLEEP
2440 F09
<tEOCtest
TEST EOC
= EXTERNAL OSCILLATOR
= INTERNAL OSCILLATOR
VCC
FO
REF+
REF–
SCK
BUSY
IN+
IN–
SDO
GND
CS
EXT
2
14
3
4
13
5
6
12
1, 8, 9, 16
11
10
15
SDI
VCC
7
REFERENCE VOLTAGE
0.1V TO VCC
ANALOG INPUT RANGE
–0.5VREF TO 0.5VREF
1
µF
4.5V TO 5.5V
LTC2440
3-WIRE
SPI INTERFACE
200nV NOISE, 50/60Hz REJECTION
10-SPEED/RESOLUTION PROGRAMMABLE
2
µV NOISE, 880Hz OUTPUT RATE
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com