Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4925 Datasheet(PDF) 49 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 49 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 45Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 46Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 47Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 48Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 49Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 50Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 51Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 52Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 53Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 590 page
background image
Chapter 1 Features
1-3
1.2.2
TX4925 Peripheral Circuit Features
1.2.2.1
External Bus Controller (EBUSC)
The External Bus Controller generates necessary signals to control external memory and
I/O devices.
•
6 channels of chip select signals, enabling control of up to six devices
•
Supports access to ROM ( including mask ROM, page mode ROM, EPROM and EEPROM),
SRAM, flash ROM, and I/O devices
•
Supports 32-bit, 16-bit and 8-bit data bus sizing on a per channel basis
•
Supports selection among full speed (up to 80 MHz), 1/2 speed (up to 40 MHz), 1/3 speed
(up to 27 MHz) and 1/4 speed (up to 20 MHz) on a per channel basis
•
Support specification of timing on a per channel basis
•
The user can specify setup and hold times for address, chip enable, write enable, and output
enable signals
•
Supports memory sizes of 1M byte to 1G byte for devices with 32-bit data bus, 1M byte to
512M bytes for devices with 16-bit data bus, and 1M byte to 256M bytes for devices with 8-
bit data bus
1.2.2.2
DMA Controller (DMAC)
The TX4925 contains a 4-channel DMA controller that executes DMA transfer to memory and
I/O devices.
•
4-channel independently handling internal/external DMA requests
(Usable 2 channels by external DMA requests)
•
Supports DMA transfer with built-in serial I/O controller and AC-link controller based on
internal DMA requests
•
Supports signal address (fly-by DMA) and dual address transfers in external I/O DMA
transfer mode using external DMA requests
•
Supports transfer between memory and external I/O devices having 32-/16-/8-bit data bus
•
Supports memory-to-memory copy mode, with no address boundary restrictions
•
Supports burst transfer of up to 8 words for a single read/write
•
Supports memory fill mode, writing word data to specified memory area
•
Supports chained DMA transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com