Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4925 Datasheet(PDF) 79 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 79 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 75Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 76Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 77Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 78Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 79Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 80Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 81Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 82Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 83Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 590 page
background image
Chapter 4 Address Mapping
4-1
4.
Address Mapping
This chapter explains the physical address map of TX4925.
Please refer to “64-Bit TX System RISC TX49/H2 Core Architecture” about the details of mapping to a
physical address from the virtual address of TX49/H2 core.
4.1
TX4925 Physical Address Map
TX4925 supports up to 4G (2
32) bytes of physical address.
Following resources are to be allocated in the physical address of the TX4925.
•
TX4925 Internal registers (refer to “4.2 Register Map”)
•
SDRAM (refer to “9.3.2 Address Mapping”)
•
External Devices such as ROM, I/O Devices (refer to “7.3.3 Address Mapping”)
•
PCI Bus (refer to “10.3.4 Initiator Access”)
Each resource is to be allocated in arbitrary physical addresses by the register setup. Refer to the
explanation of each controller for the details of the mapping.
At initialization, only the internal registers and the memory space which stores the TX49/H2 core reset
vectors are allocated shown as Figure 4.1.1. Usually ROM connected to the external bus controller channel 0
is used for the memory device that stores the reset vectors. TX4925 also supports using the memories on PCI
bus as the memory device stores the reset vectors. Refer to “10.3.12 PCI Boot Configuration” for detail
about this.
Figure 4.1.1 Physical Address Map at Initializing System
It is possible to access a resource of TX4925 as a PCI target device through PCI bus. About how to
allocate resources of TX4925 to the PCI bus address space, refer to “10.3.5 Target Access”.
TX4925 Internal Register
External Bus Controller Channel 0
64 K Bytes
0xFFFF_FFFF
0xFF1F_FFFF
0xFF1F_0000
0x1FFF_FFFF
0x1FC0_0000
0x0000_0000
4 M Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com