Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4925 Datasheet(PDF) 71 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 71 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 67Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 68Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 69Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 70Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 71Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 72Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 73Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 74Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 75Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 590 page
background image
Chapter 3 Signals
3-13
Table 3.2.2 Boot Configuration Specified with the ADDR[19:0], TDO, UAE and SADDR10 Signals (1/2)
Signal
Description
Corresponding
Register Bit
Configuration
Determined at
ADDR[19]
Reserved
This signal will be set to 0 upon booting.
CCFG bit [12]
RESET* deassert
edge
ADDR[18]
PCI Clock Enable
Specifies whether the clock generated by the TX4925 internal clock
generator is used as a PCI clock.
L = Use a PCI clock input from an external device.
The PCI clock is input via PCICLKIO.
PCICLK[2:1] are placed in High-Z state.
H = Use a clock generated by the TX4925 clock generator.
The clock is output from PCICLK[2:1] and PCICLKIO. The clock output
from PCICLKIO is fed back for use with the internal PCIC.
PCFG. PCICLKEN
PON* deassert edge
ADDR[17:16]
Reserved
Used for testing. Because this signal is used for setting a clock
frequency, ensure that the signal will not be set to 0 upon booting.
CCFG.bit[18](ADDR[
17])
CCFG.bit[27](ADDR[
16])
PON* deassert edge
ADDR[15]
PCI Controller Mode Select
Specifies the operating mode of the TX4925 PCI controller.
L = Satellite
H = Host
CCFG. PCIMODE
RESET* deassert
edge
ADDR[14]
TX4925 Endian Mode
Specifies the TX4925 endian mode.
L = Little endian
H = Big endian
CCFG. ENDIAN
RESET* deassert
edge
ADDR[13:12]
Boot ROM Bus Width
Specifies the data bus width when booting from a memory device
connected to the external memory controller. If SyncFlash is selected
as a boot memory device, refer to Table 3.2.3.
LL = Reserved
LH = 32 bits
HL = 16 bits
HH = 8 bits
EBCCR0.BSZ
RESET* deassert
edge
ADDR[11]
Boot Byte Enable Type
When booting from a memory device connected to the external
memory controller, specifies the function of the BE[3:0]*/BWE[3:0]*
pins upon booting. Be sure that this bit does not become “0” when
booting from PCL.
L = BE[3:0]* (Byte Enable)
H = BWE[3:0]* (Byte Write Enable)
When booting from SyncFlash
Refer to Table 3.2.3.
EBCCR0.BC
RESET* deassert
edge
ADDR[10]
Reserved
Used for testing. Setting this signal to 0 disables TCK, TDI, TMS,
TRST* and TDO. Ensure that the signal will not be set to 0 upon
booting.
CCFG.bit[31]
RESET* deassert
edge
ADDR[9]
Reserved
This signal will not be set to 0 upon booting.
RESET* deassert
edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com