Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4925 Datasheet(PDF) 67 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 67 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 63Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 64Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 65Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 66Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 67Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 68Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 69Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 70Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 71Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 590 page
background image
Chapter 3 Signals
3-9
3.1.12
SPI Interface Signals
Table 3.1.12 SPI Interface Signals
Signal Name
Type
Description
Initial State
SPICLK
Output
PU
SPI Clock
This pin is used for a data clock to or from an SPI slave device.
The pin is shared with other functions (refer to Section "3.3 Pin Multiplexing").
PIO input
SPIOUT
Output
PU
SPI Data Output
This signal contains data to be shifted to an SPI slave device.
The pin is shared with other functions (refer to Section "3.3 Pin Multiplexing").
PIO input
SPIIN
Input
PU
SPI Data Input
This signal contains data to be shifted from an SPI slave device.
The pin is shared with other functions (refer to Section "3.3 Pin Multiplexing").
PIO input
3.1.13
NAND Flash Memory Interface Signals
Table 3.1.13 NAND Flash Memory Interface Signals
Signal Name
Type
Description
Initial State
ND_ALE
Output
NAND Flash Address Latch Enable
ALE signal for NAND flash memory.
The pin is shared with other functions (refer to Section "3.3 Pin Multiplexing").
PIO input
ND_CLE
Output
NAND Flash Command Latch Enable
CLE signal for NAND flash memory.
The pin is shared with other functions (refer to Section "3.3 Pin Multiplexing").
PIO input
ND_CE*
Output
NAND Flash Chip Enable
CE signal for NAND flash memory.
The pin is shared with other functions (refer to Section "3.3 Pin Multiplexing").
PIO input
ND_RE*
Output
NAND Flash Read Enable
RE signal for NAND flash memory.
The pin is shared with other functions (refer to Section "3.3 Pin Multiplexing").
PIO input
ND_WE*
Output
NAND Flash Write Enable
WE signal for NAND flash memory.
The pin is shared with other functions (refer to Section "3.3 Pin Multiplexing").
PIO input
ND_R/B*
Input
NAND Flash Ready/Busy
Ready/Busy signal for NAND flash memory.
The pin is shared with other functions (refer to Section "3.3 Pin Multiplexing").
PIO input
3.1.14
Extended EJTAG Interface Signals
Table 3.1.14 Extended EJTAG Interface Signals (1/2)
Signal Name
Type
Description
Initial State
TCK
Input
PU
JTAG Test Clock Input
Clock input signal for JTAG.
TCK is used to execute JTAG instructions and input/output data.
Input
TDI/DINT*
Input
PU
JTAG Test Data Input/Debug Interrupt
When PC trace mode is not selected, this signal is a JTAG data input signal. It is used
to input serial data to JTAG data/instruction registers.
When PC trace mode is selected, this signal is an interrupt input signal used to cancel
PC trace mode for the debug unit.
Input
TDO/TPC[0]
Output
JTAG Test Data Output/PC Trace Output
When PC trace mode is not selected, this signal is a JTAG data output signal. Data is
output by means of serial scan.
When PC trace mode is selected, this signal outputs the value of the noncontiguous
program counter in sync with the debug clock (DCLK).
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com