Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4925 Datasheet(PDF) 96 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 96 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 92Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 93Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 94Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 95Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 96Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 97Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 98Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 99Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 100Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 590 page
background image
Chapter 5 Configuration Register
5-6
5.2.3
Pin Configuration Register (PCFG)
0xE008
For the bit fields whose initial values are set by boot configuration (refer to Section 3.2), the initial
input signal level and the corresponding register value are indicated.
31
30
29
28
27
26
25
23
22
21
20
19
18
17
16
SYSCLKEN
SDRCLKEN
PCICLKEN
PCICLKIOEN
Reserved
Reserved SELSPI
SELCHI
SELCARD
SELCE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
: Type
1
1
1
ADDR[18]
ADDR[18]
00
00
00
0
: Initial value
15
14
13
12
11
9
8
7
4
3
0
SELSIOC
SELSIO
ACKIN
SELTMR
SELDONE
Reserved
SELACLC SELNAND
SELDMA
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
: Type
00
001
000
0000
: Initial value
Bits
Mnemonic
Field Name
Description
31
SYSCLKEN
SYSCLK
Enable
SYSCLK Enable (Initial value: 1, R/W)
Specifies whether to output the SYSCLK.
1: Clock output.
0: L.
30:29
SDRCLKEN
[1:0]
SDRAM Clock
Enable
SDRAM Clock Enable (Initial value: 11, R/W)
Individually specifies whether to output each of SDCLK [1:0].
1: Clock output.
0: L.
Bit 30 = SDCLK [1]
Bit 29 = SDCLK [0]
28:27
PCICLKEN
[2:0]
PCI Clock Enable
PCI Clock Enable (Initial value: ADDR[18], R/W)
Individually specifies whether to output each of PCICLK [2:1].
1: Clock output.
0: L.
Bit 28 = PCICLK [2]
Bit 27 = PCICLK [1]
26
PCICLKIOEN
PCI Clock I/O
Enable
PCI Clock I/O Enable (Initial value: ADDR[18], R/W)
Individually specifies whether to output each of PCICLK [2:1].
1: Clock output.
0: Clock input.
25:23
Reserved
22
Reserved
Note: This bit is always set to “0” (Initial value: 0, R/W).
21
SELSPL
Select SPI
Select SPI (Initial value: 0, R/W)
Select SPI function as PIO[23:21] pin. Please refer to “3.3 Pin Multiplexing” about
setting.
20
SELCHI
Select CHI
Select CHI (Initial value: 0, R/W)
Select SPI function as PIO[27,20:18] pin. Please refer to “3.3 Pin Multiplexing”
about setting.
19:18
SELCARD
Select PCMCIA
CARD
Select PCMCIA CARD (Initial value: 00, R/W)
Select PCMCIA CARD function as PIO[31:24] pin. Please refer to “3.3 Pin
Multiplexing” about setting.
17:16
SELCE
Select CE[5:4]*
Select CE[5:4]* (Initial value: 00, R/W)
Select CE[5:4]* function as PIO[29:28] pin. Please refer to “3.3 Pin Multiplexing”
about setting.
15:14
SELSIOC
Select SIO
Control Pins
Select SIO Control Pins (Initial value: 00, R/W)
Select SIO ch1, 0 control signals (RTS, CTS) as PIO[15,14,9,8] pin. Please refer to
“3.3 Pin Multiplexing” about setting.
13:12
SELSIO
Select SIO
Select SIO (Initial value: 00, R/W)
Select SIO ch1, 0 signals (TXD, RXD) as PIO[17,16,11,10] pin. Please refer to “3.3
Pin Multiplexing” about setting.
11
ACKIN
ACK* input
ACK* input (Initial value: 1, R/W)
When this bit is one, ACK* signal is input.
0 : ACK* pin changes from input to output dynamically based on EBUSC channel
settings.
1 : ACK* pin is input only.
Figure 5.2.3 Pin Configuration Register (PCFG) (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com