Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4925 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 3Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 4Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 5Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 6Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 7Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 8Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 9Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 10Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 590 page
background image
Table of Contents
iii
8.3.15
Restrictions in Access to PCI Bus........................................................................................................8-20
8.4
DMA Controller Registers............................................................................................................................8-21
8.4.1
DMA Master Control Register (DMMCR) 0xB0A8 ...........................................................................8-22
8.4.2
DMA Channel Control Register (DMCCRn) 0xB018 (ch. 0), 0xB038 (ch. 1), 0xB058 (ch. 2),
0xB078 (ch. 3) .....................................................................................................................................8-24
8.4.3
DMA Channel Status Register (DMCSRn) 0xB01C (ch. 0), 0xB03C (ch. 1), 0xB05C (ch. 2),
0xB07C (ch. 3).....................................................................................................................................8-28
8.4.4
DMA Source Address Register (DMSARn) 0xB004 (ch. 0), 0xB024 (ch. 1), 0xB044 (ch. 2),
0xB064 (ch. 3) .....................................................................................................................................8-30
8.4.5
DMA Destination Address Register (DMDARn) 0xB008 (ch. 0), 0xB028 (ch. 1), 0xB048 (ch. 2),
0xB068 (ch. 3) .....................................................................................................................................8-31
8.4.6
DMA Chain Address Register (DMCHARn) 0xB000 (ch. 0), 0xB020 (ch. 1), 0xB040 (ch. 2),
0xB060 (ch. 3) .....................................................................................................................................8-32
8.4.7
DMA Source Address Increment Register (DMSAIRn) 0xB010 (ch. 0), 0xB030 (ch. 1),
0xB050 (ch. 2), 0xB070 (ch. 3) ...........................................................................................................8-33
8.4.8
DMA Destination Address Increment Register (DMDAIRn), 0xB014 (ch. 0), 0xB034 (ch. 1),
0xB054 (ch. 2), 0xB074 (ch. 3) ...........................................................................................................8-34
8.4.9
DMA Count Register (DMCNTRn) 0xB00C (ch. 0), 0xB02C (ch. 1), 0xB04C (ch. 2),
0xB06C (ch. 3).....................................................................................................................................8-35
8.4.10
DMA Memory Fill Data Register (DMMFDR) 0xB0A4 ....................................................................8-36
8.5
Timing Diagrams ..........................................................................................................................................8-37
8.5.1
Single Address Single Transfer from Memory to I/O (32-bit ROM)...................................................8-37
8.5.2
Single Address Single Transfer from Memory to I/O (16-bit ROM)...................................................8-38
8.5.3
Single Address Single Transfer from I/O to Memory (32-bit SRAM).................................................8-39
8.5.4
Single Address Burst Transfer from Memory to I/O (32-bit ROM) ....................................................8-40
8.5.5
Single Address Burst Transfer from I/O to Memory (32-bit SRAM) ..................................................8-41
8.5.6
Single Address Single Transfer from Memory to I/O (16-bit ROM)...................................................8-43
8.5.7
Single Address Single Transfer from I/O to Memory (16-bit SRAM).................................................8-44
8.5.8
Single Address Single Transfer from Memory to I/O (32-bit Half Speed ROM) ................................8-45
8.5.9
Single Address Single Transfer from I/O to Memory (32-bit Half Speed SRAM) ..............................8-46
8.5.10
Single Address Single Transfer from Memory to I/O (32-bit SRAM).................................................8-47
8.5.11
Single Address Single Transfer from I/O to Memory (32-bit SDRAM)..............................................8-48
8.5.12
Single Address Single Transfer from Memory to I/O of Last Cycle when DMADONE*
Signal is Set to Output .........................................................................................................................8-49
8.5.13
Single Address Single Transfer from Memory to I/O (32-bit SDRAM)..............................................8-50
8.5.14
Single Address Single Transfer from I/O to Memory (32-bit SDRAM)..............................................8-51
8.5.15
External I/O Device – SRAM Dual Address Transfer .........................................................................8-52
8.5.16
External I/O Device – SDRAM Dual Address Transfer ......................................................................8-54
8.5.17
External I/O Device (Non-burst) – SDRAM Dual Address Transfer...................................................8-56
9. SDRAM Controller .................................................................................................................................................9-1
9.1
Characteristics ................................................................................................................................................9-1
9.2
Block Diagram................................................................................................................................................9-2
9.3
Detailed Explanation ......................................................................................................................................9-3
9.3.1
Supported SDRAM Configurations .......................................................................................................9-3
9.3.2
Address Mapping ...................................................................................................................................9-4
9.3.3
Initialization of SDRAM........................................................................................................................9-9
9.3.4
Low Power Consumption Function .....................................................................................................9-10
9.3.5
Bus Errors ............................................................................................................................................9-11
9.3.6
Memory Read and Memory Write .......................................................................................................9-11
9.3.7
Slow Write Burst..................................................................................................................................9-11
9.3.8
Clock Feedback....................................................................................................................................9-11
9.3.9
SyncFlash ®.........................................................................................................................................9-11
9.4
Registers .......................................................................................................................................................9-12
9.4.1
SDRAM Channel Control Register (SDCCR0) 0x8000 (ch. 0), (SDCCR1) 0x8004 (ch. 1),
(SDCCR2) 0x8008 (ch. 2), (SDCCR3) 0x800C (ch. 3).......................................................................9-13
9.4.2
SDRAM Timing Register (SDCTR) 0x8020 .......................................................................................9-15
9.4.3
SDRAM Command Register (SDCCMD) 0x802C .............................................................................9-17
9.4.4
SyncFlash Command Register (SFCMD) 0x8030 ...............................................................................9-18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com