Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4925 Datasheet(PDF) 92 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 92 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 88Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 89Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 90Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 91Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 92Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 93Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 94Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 95Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 96Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 590 page
background image
Chapter 5 Configuration Register
5-2
5.2
Register
Table 5.2.1 lists the configuration registers.
Table 5.2.1 Configuration Register Map
Reference
Offset Address
Size in Bits
Mnemonic
Register Name
5.2.1
0xE000
32
CCFG
Chip Configuration Register
5.2.2
0xE004
32
REVID
Chip Revision ID Register
5.2.3
0xE008
32
PCFG
Pin Configuration Register
5.2.4
0xE00C
32
TOEA
Timeout Error Access Address Register
5.2.5
0xE010
32
PDNCTR
Power Down Control Register
0xE014
32
(Reserved)
5.2.6
0xE018
32
GARBP
GBUS Arbiter Priority Register
0xE01C
32
(Reserved)
5.2.7
0xE020
32
TOCNT
Timeout Count Register
5.2.8
0xE024
32
DRQCTR
DMA Request Control Register
5.2.9
0xE028
32
CLKCTR
Clock Control Register
5.2.10
0xE02C
32
GARBC
GBUS Arbiter Control Register
5.2.11
0xE030
32
RAMP
Register Address Mapping Register
0xE034
32
(Reserved)
Any address not defined in this table is reserved for future use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com