Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4925 Datasheet(PDF) 70 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 70 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 66Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 67Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 68Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 69Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 70Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 71Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 72Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 73Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 74Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 590 page
background image
Chapter 3 Signals
3-12
3.2
Boot Configuration
The ADDR[19:0], UAE, SADDR10 and TDO signals can also function as configuration signals for
initially setting various functions upon booting the system. The states of the configuration signals
immediately after the RESET* or PON* signal is deasserted are read as initial values for the TX4925
internal registers. A High signal level sets a value of 1 and a Low signal level sets a value of 0. UAE,
SADDR10 and ADDR[17,16,10] are used for testing. Ensure that these pins will not set to 0.
All configuration signals are provided with internal pull-up resistors. To drive a signal Low, pull down the
corresponding pin on the board using an approx. 4.7 k
Ω resistor. Driving a signal High does not require a
pull-down resistor. Any signals defined as Reserved should not be pulled down.
Table 3.2.1 lists the functions that can be set using configuration signals. Table 3.2.2 and 3.2.3 describe
each configuration signal. Note that the functions of some pins vary with the boot memory device used.
Table 3.2.1 Functions that Can be Set Using Configuration Signals
Peripheral
Function
Functions that Can be Set
Configuration
Signal
PCICLK enable
ADDR[18]
PCI controller operating mode (satellite or host)
ADDR[15]
PCI bus arbiter selection (internal or external)
ADDR[1]
PCI controller
PCI bus master
*1
ADDR[11]
Division ratio of SYSCLK to GBUSCLK
ADDR[4:3]
Boot device selection
ADDR[8:6]
BE[3:0]*/BWE[3:0]* function selection upon booting
ADDR[11]
Handling of the ACK signal upon booting (internal or external)
ADDR[5]
External bus
controller
Data bus width for the boot device
ADDR[13:12]
Data bus width for the boot device
*2
ADDR[13]
Row address size for boot memory SyncFlash
*2
BADDR[5,2]
SDRAM
controller
Column address size for boot memory SyncFlash
*2
ADDR[11,12]
Endian setting
ADDR[14]
Others
Controlling built-in timer interrupts of the TX49/H2 core
ADDR[0]
PC trace
TDO
*1: Valid when the boot memory device is PCI and the PCIC operates in satellite mode.
*2: Valid when the boot memory device is SyncFlash.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com