Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4925 Datasheet(PDF) 62 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 62 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 58Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 59Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 60Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 61Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 62Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 63Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 64Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 65Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 66Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 590 page
background image
Chapter 3 Signals
3-4
Table 3.1.3 External Interface Signals (2/2)
Signal Name
Type
Description
Initial State
CARD1CSH*
CARD1CSL*
Output
PU
PCMCIA card slot 1 chip select
Chip select signals for PCMCIA card slot 1.
The pins are shared with other functions (refer to Section "3.3 Pin Multiplexing").
PIO input
CARD2CSH*
CARD2CSL*
Output
PU
PCMCIA card slot 2 chip select
Chip select signals for PCMCIA card slot 2.
The pins are shared with other functions (refer to Section "3.3 Pin Multiplexing").
PIO input
CARDREG*
Output
PU
PCMCIA card register
REG* signal for a PCMCIA card.
The pin is shared with other functions (refer to Section "3.3 Pin Multiplexing").
PIO input
CARDIORD*
Output
PU
PCMCIA card I/O read
IORD* signal for a PCMCIA card.
The pin is shared with other functions (refer to Section "3.3 Pin Multiplexing").
PIO input
CARDIOWR*
Output
PU
PCMCIA card I/O write
IOWR* signal for a PCMCIA card.
The pin is shared with other functions (refer to Section "3.3 Pin Multiplexing").
PIO input
CARDDIR*
Output
PU
PCMCIA card directory
Controls the direction of the bidirectional buffer used for a PCMCIA slot. This signal is
asserted during a read transaction when any of CARD2CSH*, CARD2CSL*,
CARD1CSH* and CARD1CSL* are asserted.
The pin is shared with other functions (refer to Section "3.3 Pin Multiplexing").
PIO input
CARD1WAIT*
Input
PU
PCMCIA card slot 1 wait
Card wait signal from PCMCIA card slot 1.
The pin is shared with other functions (refer to Section "3.3 Pin Multiplexing").
PIO input
CARD2WAIT*
Input
PU
PCMCIA card slot 2 wait
Card wait signal from PCMCIA card slot 2.
The pin is shared with other functions (refer to Section "3.3 Pin Multiplexing").
PIO input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com