Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4925 Datasheet(PDF) 83 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 83 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 79Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 80Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 81Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 82Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 83Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 84Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 85Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 86Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 87Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 590 page
background image
Chapter 4 Address Mapping
4-5
Table 4.2.2 Internal Registers (2/8)
DMA Controller (DMAC)
0xB000
32
DMCHAR0
DMA Chain Address Register 0
0xB004
32
DMSAR0
DMA Source Address Register 0
0xB008
32
DMDAR0
DMA Destination Address Register 0
0xB00C
32
DMCNTR0
DMA Count Register 0
0xB010
32
DMSAIR0
DMA Source Address Increment Register 0
0xB014
32
DMDAIR0
DMA Destination Address Increment Register 0
0xB018
32
DMCCR0
DMA Channel Control Register 0
0xB01C
32
DMCSR0
DMA Channel Status Register 0
0xB020
32
DMCHAR1
DMA Chain Address Register 1
0xB024
32
DMSAR1
DMA Source Address Register 1
0xB028
32
DMDAR1
DMA Destination Address Register 1
0xB02C
32
DMCNTR1
DMA Count Register 1
0xB030
32
DMSAIR1
DMA Source Address Increment Register 1
0xB034
32
DMDAIR1
DMA Destination Address Increment Register 1
0xB038
32
DMCCR1
DMA Channel Control Register 1
0xB03C
32
DMCSR1
DMA Channel Status Register 1
0xB040
32
DMCHAR2
DMA Chain Address Register 2
0xB044
32
DMSAR2
DMA Source Address Register 2
0xB048
32
DMDAR2
DMA Destination Address Register 2
0xB04C
32
DMCNTR2
DMA Count Register 2
0xB050
32
DMSAIR2
DMA Source Address Increment Register 2
0xB054
32
DMDAIR2
DMA Destination Address Increment Register 2
0xB058
32
DMCCR2
DMA Channel Control Register 2
0xB05C
32
DMCSR2
DMA Channel Status Register 2
0xB060
32
DMCHAR3
DMA Chain Address Register 3
0xB064
32
DMSAR3
DMA Source Address Register 3
0xB068
32
DMDAR3
DMA Destination Address Register 3
0xB06C
32
DMCNTR3
DMA Count Register 3
0xB070
32
DMSAIR3
DMA Source Address Increment Register 3
0xB074
32
DMDAIR3
DMA Destination Address Increment Register 3
0xB078
32
DMCCR3
DMA Channel Control Register 3
0xB07C
32
DMCSR3
DMA Channel Status Register 3
0xB0A4
32
DMMFDR
DMA Memory Fill Data Register
0xB0A8
32
DMMCR
DMA Master Control Register
NAND Flush Memory Controller (NDFMC)
0xC000
32
NDFDTR
NAND Flush Memory Data Transmit Register
0xC004
32
NDFMCR
NAND Flush Memory Mode Control Register
0xC008
32
NDFSR
NAND Flush Memory Status Register
0xC010
32
NDFISR
NAND Flush Memory Interrupt Status Register
0xC014
32
NDFIMR
NAND Flush Memory Interrupt Mask Register
0xC018
32
NDFSPR
NAND Flush Memory Strobe Plus width Register
0xC024
32
NDFSTR
NAND Flush Memory Reset Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com