Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4925 Datasheet(PDF) 64 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 64 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 60Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 61Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 62Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 63Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 64Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 65Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 66Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 67Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 68Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 590 page
background image
Chapter 3 Signals
3-6
Table 3.1.5 PCI Interface Signals (2/2)
Signal Name
Type
Description
Initial State
REQ[3:2]*
Input
Request
Signals used by the master to request bus mastership.
The boot configuration signal on the ADDR[1] pin determines whether the built-in PCI bus
arbiter is used.
In internal arbiter mode, REQ[3:2]* are PCI bus request input signals.
In external arbiter mode, REQ[3:2]* are not used. Because the pins are still placed in the
input state, they must be pulled up externally.
Input
REQ[1]*
/INTOUT
Input/output/
OD
Request
Signal used by the master to request bus mastership.
The boot configuration signal on the ADDR[1] pin determines whether the built-in PCI bus
arbiter is used.
In internal arbiter mode, this signal is a PCI bus request input signal.
In external arbiter mode, this signal is an external interrupt output signal (INTOUT). Refer
to Section “15.3.7 Interrupt Requests”.
Selected by
ADDR[1]
H: Input
L: High-Z
REQ[0]*
Input/output
Request
Signal used by the master to request bus mastership.
The boot configuration signal on the ADDR[1] pin determines whether the built-in PCI bus
arbiter is used.
In internal arbiter mode, this signal is a PCI bus request input signal.
In external arbiter mode, this signal is a PCI bus request output signal.
Selected by
ADDR[1]
H: Input
L: High
GNT[3:0]*
Input/output
Grant
Indicates that bus mastership has been granted to the PCI bus master.
The boot configuration signal on the ADDR[1] pin determines whether the built-in PCI bus
arbiter is used.
In internal arbiter mode, all of GNT[3:0]* are PCI bus grant output signals.
In external arbiter mode, GNT[0]* is a PCI bus grant input signal. Because GNT[3:1]*
also become input signals, they must be pulled up externally.
Selected by
ADDR[1]
H: All High
L: Input
PERR*
Input/output
Data Parity Error
Indicates a data parity error in a bus cycle other than special cycles.
Input
SERR*
Input/OD
System Error
Indicates an address parity error, a data parity error in a special cycle, or a fatal error.
In host mode, SERR* is an input signal. In satellite mode, SERR* is an open-drain output
signal. The mode is determined by the boot configuration signal on the ADDR[19] pin.
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com