Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4925 Datasheet(PDF) 80 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 80 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 76Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 77Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 78Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 79Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 80Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 81Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 82Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 83Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 84Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 590 page
background image
Chapter 4 Address Mapping
4-2
4.2
Register Map
4.2.1
Addressing
TX4925 internal registers are to be accessed through 64 K bytes address space that is based on
physical address 0xFF1F_0000 or pointed address by RAMP register (refer to 5.2.11). Figure 4.2.1
shows how to generate internal register address. Physical address 1 and physical address 2 shown
Figure 4.2.1 access the same register.
In TX49/H2 Core, the physical address form 0xFF00_0000 to 0xFF3F_FFFF are unchached mapped
to the virtual address form 0xFF00_0000 to 0xFF3F_FFFF.
This space includes the region form 0xFF1F_0000 allocated TX4925 internal registers at
initialization.
Figure 4.2.1 Generating Physical Address for a Internal Register
4.2.2
Ways to Access to Internal Registers
2 ways to access to the internal registers of TX4925 are supported. First is 32-bit register access.
Second is PCI configuration register access in PCI satellite mode.
32-bit register supports 32-bit size access only. Another size access without 32-bit size is undefined.
When the build-in PCI controller works in the satellite mode (refer to “10.3.1 Terminology
Explanation”), PCI configuration registers are to be accessed through PCI bus in configuration cycles. It
is possible to access to the arbitrary size of PCI configuration register as always Little Endian space
regardless the system setup.
Base Address
(0xFF1F_0000)
Offset Address
+
Physical Address 1
=
Base Address Register
(RAMP)
Offset Address
Physical Address 2
(Initial Value = 0xFF1F_0000)
+=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com