Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4925 Datasheet(PDF) 102 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 102 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 98Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 99Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 100Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 101Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 102Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 103Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 104Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 105Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 106Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 590 page
background image
Chapter 5 Configuration Register
5-12
5.2.9
Clock Control Register (CLKCTR)
0xE028
For the low-order 16 bits of the clock control register, canceling a reset requires that the
corresponding reset bit be cleared by software. Before clearing them, wait at least 128 CPU clock cycles
after they are set.
31
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
PCICKE DMACKE
Reserved
SIO0CKE
SIO1CKE TMR0CKE TMR1CKE TMR2CKE
CHICKE
SPICKE
ACLCKE
PIOCKE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
: Type
11
111
111111
: Initial value
15
12
11
10
9
8
765432
1
0
Reserved
PCIRSTI
DMARSTI
Reserved
SIO0RSTI
SIO1RSTI
TMR0RSTI
TMR1RSTI
TMR2RSTI
CHIRSTI
SPIRSTI
ACLRSTI
PIORSTI
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
: Type
11
111
111111
: Initial value
Bits
Mnemonic
Field Name
Description
31:28
Reserved
27
PCICKE
PCIC Clock
Enable
PCIC Clock Enable (Initial value: 1, R/W)
This bit controls the PCIC clock.
0: Stop clock
1: Supply clock
26
DMACKE
DMAC Clock
Enable
DMAC Clock Enable (Initial value: 1, R/W)
This bit controls the DMAC clock.
0: Stop clock
1: Supply clock
25
Reserved
24
SIO0CKE
SIO0 Clock
Enable
SIO0 Clock Enable (Initial value: 1, R/W)
This bit controls the SIO0 clock.
0: Stop clock
1: Supply clock
23
SIO1CKE
SIO1 Clock
Enable
SIO1 Clock Enable (Initial value: 1, R/W)
This bit controls the SIO1 clock.
0: Stop clock
1: Supply clock
22
TMR0CKE
TMR0 Clock
Enable
TMR0 Clock Enable (Initial value: 1, R/W)
This bit controls the TMR0 clock.
0: Stop clock
1: Supply clock
21
TMR1CKE
TMR1 Clock
Enable
TMR1 Clock Enable (Initial value: 1, R/W)
This bit controls the TMR1 clock.
0: Stop clock
1: Supply clock
20
TMR2CKE
TMR2 Clock
Enable
TMR2 Clock Enable (Initial value: 1, R/W)
This bit controls the TMR2 clock.
0: Stop clock
1: Supply clock
19
CHICKE
CHI Clock
Enable
CHI Clock Enable (Initial value: 1, R/W)
This bit controls the CHI clock.
0: Stop clock
1: Supply clock
18
SPICKE
SPI Clock
Enable
SPI Clock Enable (Initial value: 1, R/W)
This bit controls the SPI clock.
0: Stop clock
1: Supply clock
17
ACLCKE
ACLC Clock
Enable
ACLC Clock Enable (Initial value: 1, R/W)
This bit controls the ACLC clock.
0: Stop clock
1: Supply clock
Figure 5.2.9 Clock Control Register (CLKCTR) (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com