Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD61P24CS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD61P24CS
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD61P24CS Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD61P24CS Datasheet HTML 1Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 2Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 3Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 4Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 5Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 6Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 7Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 8Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
©
DATA SHEET
MOS INTEGRATED CIRCUIT
µPD61P24
DESCRIPTION
The
µPD61P24 is a 4-bit single-chip microcontroller for infrared remote controllers for TVs, VCRs, stereos, cassette
decks, air conditioners, etc.
As the
µPD61P24 is user-programmable, it is ideal for evaluation of programs running in a µPD6124A or 6600A,
and for small-scale production of such systems.
The functions of the
µPD61P24 are described in detail in the following User’s Manual. Be sure to read this
manual before designing your system.
µPD612X Series User’s Manual: IEP-1083
FEATURES
•
Transmitter for programmable infrared remote control-
ler
•
19 types of instructions
•
Instruction execution time: 17.6
µs (with 455-kHz ce-
ramic resonator)
•
On-chip one-time PROM: 1002
× 10 bits
•
Data memory (RAM) capacity
: 32
× 5 bits
•
9-bit programmable timer: 1 channel
•
I/O pins (KI/O): 8 pins
•
Input pins (KI): 4 pins
•
Serial input pins (S-IN): 1 pin
•
Transmission-in-progress indication pin (S-OUT): 1
pin
•
Transmit carrier frequency (REM)
fOSC/12, fOSC/8
•
Standby operation (HALT/STOP mode)
•
Low power consumption
•
Current consumption in STOP mode (TA = 25
°C)
1
µA MAX.
•
Low-voltage operation: VDD = 2.2 to 5.5 V
4-BIT SINGLE-CHIP MICROCONTROLLER
FOR REMOTE CONTROL TRANSMISSION
The information in this document is subject to change without notice.
The mark
shows major revised points.
Document No. U12629EJ4V0DS00 (4th edition)
Previous No. IC-2876
Date Published July 1997 N
Printed in Japan
Caution To use the NEC transmission format, ask NEC to supply the custom code.
Do no use R0 when using a register as an operand of the branch instruction.
1997



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com