Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD61P24CS Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # UPD61P24CS
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD61P24CS Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button UPD61P24CS Datasheet HTML 21Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 22Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 23Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 24Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 25Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 26Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 27Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 28Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
µPD61P24
23
19. APPLICATION CIRCUIT EXAMPLE
V DD
V DD
Key matrix
Mode select switch
Infrared LED
SE303 series
SE313
SE307-C
SE1003-C
Transmission
indication
2SC3616, 3618
2SD1615, 1616
2SC2001
3.0 V
47 F
µ
+
100 pF
100 pF
0.1 F
µ
KI/O1
KI/O0
S-IN
1
2
3
4
5
6
7
8
9
10
KI/O2
KI/O3
S-OUT
REM
VDD
OSC-OUT
OSC-IN
VSS
AC
KI/O4
KI/O5
KI/O6
KI/O7
KI0
KI1
KI2
KI3
PD61P24
µ
20
19
18
17
16
15
14
13
12
11
Caution The ceramic resonator start up capacitor value must be determined, by taking the voltage level and
the oscillation start up characteristics for the ceramic resonator into consideration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com