Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD61P24CS Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # UPD61P24CS
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD61P24CS Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button UPD61P24CS Datasheet HTML 18Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 19Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 20Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 21Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 22Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 23Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 24Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 25Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
µPD61P24
20
17.3
Program Memory Reading Procedure
(1) Pull down the pins not used to GND via resistor. Keep the CLK pin low.
(2) Supply 5 V to the VDD pin. Keep the VPP pin low.
(3) Wait for 10
µs, and supply 5 V to the VPP pin.
(4) Set the mode in which the program memory address is cleared to 0, by using the mode setting pins.
(5) Supply 6 V to VDD and 12.5 V to VPP.
(6) Set the program inhibit mode.
(7) Set the verify mode. If a clock pulse is input to the CLK pin, the data of one address is output each time the
pulse has been input to the CLK pin four times.
(8) Set the program inhibit mode.
(9) Set the mode in which the program memory address is cleared to 0.
(10) Change the voltage on the VDD and VPP pins to 5 V.
(11) Turn off power supply.
Program memory reading steps (2) through (9) are illustrated below.
Hi-Z
Hi-Z
“ L ”
MD3
MD2
MD1
MD0
D0-D7
CLK
GND
VDD
VDD
VPP
VPP
VDD
GND
VDD+1
Reset
Data output
Data output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com