Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD61P24CS Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # UPD61P24CS
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD61P24CS Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button UPD61P24CS Datasheet HTML 14Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 15Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 16Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 17Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 18Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 19Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 20Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 21Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
µPD61P24
16
16. MASK OPTIONS (PLA DATA)
The following items are fixed by mask option:
•KI, S-IN pin pull-down resistor provided
• Carrier duty selection (1/3) at fOSC/12
• Hang-up detection provided
<1> KI/O ALL
The system is reset when the hang-up detection KI/O ALL switch is set to ON (“1”) by PLA data and if the
KI/O pins are in the input mode in the oscillation stop HALT mode or if even one of the KI/O pins is low.
To use a pin as a key source of the switch, turn ON the switch with PLA data.
Figure 16-1. Hang-up Detection KI/O ALL Configuration Diagram
VDD
To RESET circuit
PLA hang-up
detection
KI/O ALL switch
K
output signal
I/O0
K
output signal
I/O1
K
output signal
I/O2
K
output signal
I/O3
K
output signal
I/O4
K
output signal
I/O5
K
input/output selection
I/O
K
output signal
I/O6
K
output signal
I/O7
<2> HALT release condition specification (S-IN, KI/O, KI)
The system is reset if S-IN and KI/O are used in the HALT mode when S-IN and KI/O are specified by PLA data
not to be used (“1”). KI is used (“0”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com