Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD61P24CS Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # UPD61P24CS
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD61P24CS Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button UPD61P24CS Datasheet HTML 6Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 7Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 8Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 9Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 10Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 11Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 12Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 13Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
µPD61P24
8
10. TIMER
The timer block determines the transmission output pattern. The timer consists of 10 bits, of which 9 bits serve
as the 9-bit down counter and the remaining 1 bit serves as the 1-bit latch, which determines the carrier output
validity.
The 9-bit down counter is decremented (–1) every 8/fOSC(s) in synchronization with the machine cycle, after
starting down count operation. Down counting stops after all of the 9 bits become 0. When down counting is stopped,
the signal indicating that the timer operation has stopped, is output. If the CPU is at standby (HALT TIMER) for
the timer operation completion, the standby (HALT) condition is released and the next instruction will be executed.
If the next instruction again sets the value of the down counter, down counting continues without any error (the carrier
output of the REM pin is not affected).
Set the down count time according to the following calculation; (set value (HEX) + 1)
× 8/fOSC. Setting the value
to the timer is done by the timer manipulation instruction.
When the down counter is operating, the remote control transmission carrier can be output to the REM pin.
Whether or not to output the carrier can be selected by the MSB for the timer register block. Set “1”, when outputting
the carrier, or “0”, when not outputting the carrier.
If all the down counter bits become “0”, when outputting the carrier, the carrier output will be stopped. When
not outputting the carrier, the REM pin output will become low level.
A signal in synchronization with the REM output is output to the S-OUT pin. However, the waveform for the S-
OUT pin is low, when the carrier is being output to the REM pin, or it is high, when the carrier is not being output
to the REM pin.
If the HALT instruction, which initiates the oscillation stop mode, is executed when the down counter is operating,
the oscillation stop mode is initiated after down counting is stopped (after 0).
Timer operation STOP/RUN is controlled by the control register (P1). (Refer to 13. CONTROL REGISTER (P1).)
At reset (all clear) time, the REM pin goes low and S-OUT pin goes high. All 10 bits of the timer are cleared to
000H.
Caution Because the timer clock is not synchronized with the carrier output, the pulse width may be
shortened at the beginning and end of the carrier output.
Figure 10-1. Timer Block Organization
S-OUT
REM
Carrier
(fosc/12, fosc/8)
Selected by control register
Clear
Set by timer mainpulation instruction
9-bit down counter
Zero detection circuit
D of control register P
(Timer RUN/STOP)
21
1/0
MSB
fosc/8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com