Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD61P24CS Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # UPD61P24CS
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD61P24CS Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button UPD61P24CS Datasheet HTML 24Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 25Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 26Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 27Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 28Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 29Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 30Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 31Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
µPD61P24
26
DC Programming Characteristics (TA = 25
±5 °C, VDD = 6.0±0.25 V, VPP = 12.5±0.5 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
High-level input voltage
VIH1
Other than CLK
0.7 VDD
VDD
V
VIH2
CLK
VDD–0.5
VDD
V
Low-level input voltage
VIL1
Other than CLK
0
0.3 VDD
V
VIL2
CLK
0
0.4
V
Input leakage current
ILI
VIN = VIL or VIH
10
µA
High-level output voltage
VOH
IOH = –1 mA
VDD–1.0
V
Low-level output voltage
VOL
IOL = 1.6 mA
0.4
V
VDD supply current
IDD
30
mA
VPP supply current
IPP
MD0 = VIL, MD1 = VIH
30
mA
Cautions 1. Keep VPP to within +13.5 V including the overshoot.
2. Apply VDD before VPP, and turn it off after VPP.
AC Programming Characteristics (TA = 25
±5 °C, VDD = 6.0±0.25 V, VPP = 12.5±0.5 V)
Parameter
Symbol
Note 1
Conditions
MIN.
TYP.
MAX.
Unit
Address setup timeNote 2 (vs. MD0
↓)tAS
tAS
2
µs
MD1 setup time (vs. MD0
↓)tM1S
tOES
2
µs
Data setup time (vs. MD0
↓)tDS
tDS
2
µs
Address hold timeNote 2 (vs. MD0
↑)tAH
tAH
2
µs
Data hold time (vs. MD0
↑)tDH
tDH
2
µs
MD0
↑→ data output float delay time
tDF
tDF
0
130
ns
VPP setup time (vs. MD3
↑)tVPS
tVPS
2
µs
VDD setup time (vs. MD3
↑)tVDS
tVCS
2
µs
Initial program pulse width
tPW
tPW
0.95
1.0
1.05
ms
Additional program pulse width
tOPW
tOPW
0.95
21.0
ms
MD0 setup time (vs. MD1
↑)tM0S
tCES
2
µs
MD0
↓→ data output delay time
tDV
tDV
MD0 = MD1 = VIL
1
µs
MD1 hold time (vs. MD0
↑)tM1H
tOEH
tM1H + tM1R
≥ 50
µs2
µs
MD1 recovery time (vs. MD0
↓)tM1R
tOR
2
µs
Program counter reset time
tPCR
—10
µs
CLK input high-, low-level widths
tXH, tXL
—
0.125
µs
CLK input frequency
fX
—
4.19
MHz
Initial mode set time
tI
—2
µs
MD3 setup time (vs. MD1
↑)tM3S
—2
µs
MD3 hold time (vs. MD1
↓)tM3H
—2
µs
MD3 setup time (vs. MD0
↓)tM3SR
—
On reading program memory
2
µs
AddressNote 2
→ data output delay time
tDAD
tACC
On reading program memory
2
µs
AddressNote 2
→ data output hold time
tHAD
tOH
On reading program memory
0
130
ns
MD3 hold time (vs. MD0
↑)tM3HR
—
On reading program memory
2
µs
MD3
↓→ data output float delay time
tDFR
—
On reading program memory
2
µs
Reset setup time
tRES
10
µs
Notes 1. Corresponding symbols of
µPD27C256A (the µPD27C256A is a maintenance product).
2. The internal address signal is incremented by one at the falling edge of CLK input at the third clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com