Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD61P24CS Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # UPD61P24CS
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD61P24CS Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button UPD61P24CS Datasheet HTML 28Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 29Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 30Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 31Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 32Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 33Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 34Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 35Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
µPD61P24
30
22. RECOMMENDED SOLDERING CONDITIONS
It is recommended that
µPD6124A and 6600A be soldered under the following conditions.
For details on the recommended soldering conditions, refer to Information Document, Semiconductor Device
Mounting Technology Manual (C10535E).
For other soldering methods and conditions, consult NEC.
Table 22-1. Soldering Conditions of Surface-Mount Type
µPD61P24GS: 20-pin plastic SOP (300 mil)
Soldering Method
Soldering Conditions
Partial Heating
Pin temperature: 300
°C max., time: 3 seconds max. (per device side)
Table 22-2. Soldering Conditions of Through-Hole Type
µPD61P24CS: 20-pin plastic shrink DIP (300 mil)
Soldering Method
Soldering Conditions
Wave Soldering (Only for pin part)
Solder bath temperature: 260
°C max., time: 10 seconds max.
Partial Heating
Pin temperature: 300
°C max., time: 3 seconds max. (per pin)
Caution When soldering this product using of wave soldering, exercise care that the solder does not come
in direct contact with the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com