Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD61P24CS Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPD61P24CS
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD61P24CS Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPD61P24CS Datasheet HTML 4Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 5Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 6Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 7Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 8Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 9Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 10Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 11Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
µPD61P24
6
5.
DATA POINTER (R0)
R0 (R10, R00) for the data memory can serve as the data pointer for the ROM.
R0 specifies the low-order 8 bits in the ROM address. The high-order 2 bits in the ROM address are specified
by the control register.
Table referencing for ROM data can be easily executed by calling the ROM contents by setting the ROM address
to the data pointer.
On reset or “all clear” is input, it becomes undefined.
Figure 5-1. Data Pointer Organization
AD 0
AD 1
AD 2
AD 3
AD 4
AD 5
AD 6
AD 7
AD 8
AD9
Control registers
(P )
1
R 0
R10
R00
6.
ACCUMULATOR (A) ……… 4 BITS
The accumulator (A) is a 4-bit register. The accumulator plays a major role in each operation.
On reset or “all clear” is input, it becomes undefined.
Figure 6-1. Accumulator Organization
A 0
A 1
A 2
A 3
A
7.
ARITHMETIC LOGIC UNIT (ALU) ……… 4 BITS
The arithmetic logic unit (ALU) is a 4-bit operation circuit, and executes simple operations, such as arithmetic
operations.
8.
FLAGS
(1) Status flag
When the status for each pin is checked by the STTS instruction, if the condition coincides with the condition
specified by the STTS instruction, the status flag (F) is set (to 1).
On reset or “all clear” is input, it becomes undefined.
(2) Carry flag
When the INC (increment) instruction or the RL (rotate left) instruction is executed, if a carry is generated from
the MSB for the accumulator, the carry flag (C) is set (to 1).
The carry flag (C) is also set (to 1), if the contents for the accumulator are “FH”, when the SCAF instruction
is executed.
On reset or “all clear” is input, it becomes undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com