Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD61P24CS Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # UPD61P24CS
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD61P24CS Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button UPD61P24CS Datasheet HTML 13Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 14Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 15Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 16Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 17Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 18Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 19Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 20Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
µPD61P24
15
15. AC PIN (ALL CLEAR PIN)
Internal part of the CPU including the program counter can be reset by setting the AC pin to the low level.
Watchdog Timer Function
A power-on reset function and a CR watchdog timer function, that can be controlled by program, can be realized
by connecting a 0.1
µF capacitor across the AC pin and the VSS.
V DD
0.1 F
µ
0.1 F
µ
V
V DD
V thL
t
Charge mode
Charge start instruction
Execute HALT instruction
immediately before NOP.
(Charge for 0.4 ms or more)
Discharge mode
Charge-discharge
pattern
Discharge start instruction
Discharge starts after the NOP
instruction execution.
(Discharge time is about 5 ms from VDD to VthL)
The pattern must be
controlled by the program,
in such a manner that
the C charge level will not
go below VthL.
Caution When the watchdog timer function is not used, switch to charging mode by executing a NOP
instruction immediately before a HALT instruction at the beginning of the program. (Be sure to
connect the capacitor.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com