Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD61P24CS Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # UPD61P24CS
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD61P24CS Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button UPD61P24CS Datasheet HTML 19Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 20Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 21Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 22Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 23Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 24Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 25Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 26Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
µPD61P24
21
18. INSTRUCTION SET
Accumulator Manipulation Instructions
ANL
ANL
ANL
ANL
ORL
ORL
ORL
ORL
XRL
XRL
XRL
XRL
INC
RL
D00
E00
A00
D10
D30
D31
E10
E30
E31
A10
A30
A31
A13
F13
R10
R11
R12
R1F
R00
R01
R0F
R r
A, Rr
A, @R0H
A, @R0L
A, #data
A, Rr
A, @R0H
A, @R0L
A, #data
A, Rr
A, @R0H
A, @R0L
A, #data
A
A
D01
E01
A01
D02
E02
A02
D0F
E0F
A0F
D20
E20
A20
D21
E21
A21
D2F
E2F
A2F
–
Input/Output Instructions
P
A,
P ,
A,
A,
A,
IN
OUT
ANL
ORL
XRL
F19
219
D19
E19
A19
P
P11
P P
P
A
P
P
P
P
P
P
P
F18
218
D18
E18
A18
P10
F1A
21A
D1A
E1A
A1Z
P12
F39
239
D39
E39
A39
P01
F38
238
D38
E38
A38
P00
F3A
23A
D3A
E3A
A3A
02
P
OUT
319
P
P1
P P
#data
318
P0
31A
P2
P1P and P0P operate in pair format
Data Transfer Instructions
MOV
MOV
F00
F10
F01
F02
F0F
F20
F21
F2F
A, R
A, @R H
r
0
R10
R11
R12
R1F
R00
R01
R0F
R r
MOV
F30
A, @R H
0
MOV
F31
A, #data
MOV
MOV
300
301
302
30F
R , #data
R , @R
r
r
R0
R1
R2
RF
Rr
320
321
322
32F
MOV
R , A
r
200
201
202
20F
220
221
22F
0
R1r and R0r operate in pair format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com