Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD61P24CS Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPD61P24CS
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD61P24CS Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPD61P24CS Datasheet HTML 5Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 6Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 7Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 8Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 9Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 10Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 11Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 12Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
µPD61P24
7
9.
SYSTEM CLOCK GENERATOR
The system clock generator consists of a resonator, which uses a ceramic resonator (400kHz to 500kHz).
Figure 9-1. System Clock Generator
STOP mode
System clock
ø
OSC-OUT
OSC-IN
In the STOP mode (oscillation stop HALT instruction), the oscillator in the system clock generator stops its
operation, and the system clock ø is stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com