Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD61P24CS Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD61P24CS
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD61P24CS Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD61P24CS Datasheet HTML 17Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 18Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 19Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 20Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 21Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 22Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 23Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 24Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
µPD61P24
19
17.2
Program Memory Writing Procedure
The program memory is written at high speed in the following procedure.
(1) Pull down the pins not used to GND via resistor. Keep the CLK pin low.
(2) Supply 5 V to the VDD pin. Keep the VPP pin low.
(3) Wait for 10
µs, and supply 5 V to the VPP pin.
(4) Set the mode in which the program memory address is cleared to 0, by using the mode setting pins.
(5) Supply 6 V to VDD and 12.5 V to VPP.
(6) Set the program inhibit mode.
(7) Write data in the 1-ms write mode.
(8) Set the program inhibit mode.
(9) Set the verify mode. If the data has been correctly written, proceed to (10). If not, repeat (7) through (9).
(10) Additional writing of (Number of times data has been written in (7) through (9): X)
× 1 ms
(11) Set the program inhibit mode.
(12) Input a pulse four times to the CLK pin to update the program memory address (+1).
(13) Repeat (7) through (12) until the data is written to the last address.
(14) Set the mode in which the program memory address is cleared to 0.
(15) Change the voltage on the VDD and VPP pins to 5 V.
(16) Turn off power supply.
Program memory writing steps (2) through (12) are illustrated below.
Write
Verify
Additional write
Address
increment
Repeat X times
MD3
MD2
MD1
MD0
D0-D7
CLK
GND
VDD
VDD
VDD+1
GND
VDD
VPP
VPP
Data input
Data output
Data input
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com