Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6410 Datasheet(PDF) 63 Page - STMicroelectronics

Part # VV6410
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6410 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button VV6410 Datasheet HTML 59Page - STMicroelectronics VV6410 Datasheet HTML 60Page - STMicroelectronics VV6410 Datasheet HTML 61Page - STMicroelectronics VV6410 Datasheet HTML 62Page - STMicroelectronics VV6410 Datasheet HTML 63Page - STMicroelectronics VV6410 Datasheet HTML 64Page - STMicroelectronics VV6410 Datasheet HTML 65Page - STMicroelectronics VV6410 Datasheet HTML 66Page - STMicroelectronics VV6410 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 105 page
background image
CMOS Sensor; Customer Datasheet, Rev 3.0, 28 September 2000
VV5410 & VV6410
Commercial in confidence
63/105
cd5410-6410f-3-0.fm
16
10
setup0
8
R/W
0000_10012
Low-power/sleep modes & video
timing
17
11
setup1
8
R/W
1100_00002
Various parameters
18
12
sync_value
8
R/W
0001_11112
Contains pixel counter reset value
used by external sync
19
13
reserved
20
14
fg_modes
8
R/W
0000_00002
Frame grabbing modes
(FST, LST and QCK)
21
15
pin_mapping
7
R/W
000_10002
FST and QCK mapping modes.
22
16
data_format
8
R/W
0000_00012
Data resolution
23
17
op_format
7
R/W
001_10002
Output coding formats
24
18
mode_select
2
R/W
012
Various mode select bits
25 - 31
19-1F
unused
Exposure Registers - [32-47]
32
20
fineH
2
R/W
0
Fine exposure.
33
21
fineL
8
R/W
34
22
coarseH
2
R/W
302
Coarse exposure
35
23
coarseL
8
R/W
36
24
analog gain
8
R/W
1111_0000
Analog gain setting
37
25
clk_div
4
R/W
0
Clock division
38-43
26-2B
reserved
44
2C
dark offsetH
3
R/W
0
dark line offset cancellation value
(2’s complement notation)
45
2D
dark offsetL
8
R/W
46
2E
dark offset
setup
7
R/W
0110 00012
dark line offset cancellation enable
47
2F
reserved
Colour Registers - [48-79]
48 - 79
30-4F
reserved
8
R/W
Video Timing Registers - [80-103]
80-81
50-51
reserved
82
52
line_lengthH
2
R/W
415
Line Length (Pixel Clocks)
83
53
line_lengthL
8
R/W
84 - 86
54-56
reserved
87
57
x-offsetH
1
R/W
5
x-co-ordinate of top left corner of
region of interest (x-offset)
88
58
x-offsetL
8
R/W
89
59
y-offsetH
1
R/W
3
y-co-ordinate of top left corner of
region of interest (y-offset)
90
5A
y-offsetL
8
R/W
91 - 96
5B-60
reserved
97
61
field_lengthH
2
R/W
319
Field length (Lines)
98
62
field_lengthL
8
R/W
99-102
63-66
reserved
103
67
unused
R/W
Text Overlay Registers - [104-107]
104 - 105
68-69
reserved
106 - 107
6A-6B
unused
Index10
Index16
Name
Length
R/W
Default
Comments
Table 19 : Serial Interface Address Map.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com