Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6410 Datasheet(PDF) 100 Page - STMicroelectronics

Part # VV6410
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6410 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button VV6410 Datasheet HTML 96Page - STMicroelectronics VV6410 Datasheet HTML 97Page - STMicroelectronics VV6410 Datasheet HTML 98Page - STMicroelectronics VV6410 Datasheet HTML 99Page - STMicroelectronics VV6410 Datasheet HTML 100Page - STMicroelectronics VV6410 Datasheet HTML 101Page - STMicroelectronics VV6410 Datasheet HTML 102Page - STMicroelectronics VV6410 Datasheet HTML 103Page - STMicroelectronics VV6410 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 105 page
background image
VV5410 & VV6410
Pinout and pin descriptions
cd5410-6410f-3-0.fm
Commercial in confidence
100/105
RESETB
21
ID
↑
System Reset. Active Low.
May be configured as System Sync. Active Low.
SUSPEND
12
ID
↑
USB Suspend Mode Control signal. Active High
If this feature is not required then the support circuit must pull the pin to
ground. The combination of an active high signal and pull up pad was
chosen to limit current drawn by the device while in suspend mode.
SERIAL INTERFACE
SCL
15
BI
↑
Serial bus clock (input only).
SDA
14
BI
↑
Serial bus data (bidirectional, open drain).
SYSTEM CLOCKS
CLKI
30
ID
↓
Schmitt Buffered Clock input or LVDS positive Clock input
Key
A
Analog Input
D
Digital Input
OA
Analog Output
ID
↑
Digital input with internal pull-up
BI
Bidirectional
ID
↓
Digital input with internal pull-down
BI
↑
Bidirectional with internal pull-up
OD
Digital Output
BI
↓
Bidirectional with internal pull-down
ODT
Tri-stateable Digital Output
Name
Pin
Type
Description
ANALOG SIGNALS
Vbloom
8
OA
Anti-blooming pixel reset voltage1
1.
This pin has been removed from the production bonding diagram
VBLTW
7
OA
Bitline test white level reference 2
2.
This pin has been removed from the production bonding diagram
VRT
2
IA
Pixel reset voltage3
3.
This pin has been removed from the production bonding diagram
Name
Pin Number
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com