Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6410 Datasheet(PDF) 5 Page - STMicroelectronics

Part # VV6410
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6410 Datasheet(HTML) 5 Page - STMicroelectronics

  VV6410 Datasheet HTML 1Page - STMicroelectronics VV6410 Datasheet HTML 2Page - STMicroelectronics VV6410 Datasheet HTML 3Page - STMicroelectronics VV6410 Datasheet HTML 4Page - STMicroelectronics VV6410 Datasheet HTML 5Page - STMicroelectronics VV6410 Datasheet HTML 6Page - STMicroelectronics VV6410 Datasheet HTML 7Page - STMicroelectronics VV6410 Datasheet HTML 8Page - STMicroelectronics VV6410 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 105 page
background image
CMOS Sensor; Customer Datasheet, Rev 3.0, 28 September 2000
VV5410 & VV6410
Commercial in confidence
5/105
cd5410-6410f-3-0.fm
2.
Introduction
2.1
Overview
VV5410/VV6410 is a CIF format CMOS image sensor. The VV5410 sensor is the basic monochrome device and VV6410 is the
colourised variant. The operation of VV5410 and VV6410 is very similar but any differences will be identified and explained.
VV6410 can output digital colourised pixel data at frame and line rates compatible with either NTSC or PAL video standards.
VV5410 and VV6410 contain the same basic video timing modes. Table 2 summarises these video modes.
The various operating modes are detailed in Section 3.
Important: VV5410 and VV6410’s output video data stream only contains raw data. A master co-processor is required to
generate a video waveform that can be displayed on a VDU
Note: The user can also provide a 24 MHz clock, rather than a 16 MHz clock, for the QCIF-60fps, CIF-25fps and CIF-30fps
modes, which the sensor then internally divides by 1.5, (see data_format[22]), to give an effective input clock frequency of 16
MHz.
2.2
Exposure Control
VV5410/VV6410 does not include any form of automatic exposure and/or gain control. Thus to produce a correctly exposed
image the integration period for the pixels, in the sensor array, an exposure control algorithm must be implemented externally.
The new exposure values are written to the sensor via the serial interface.
2.3
Digital Interface
The sensor’s offers a very flexible digital interface, the main components of which are listed below:
1. A tri-stateable 5-wire data bus (D[4:0]) for sending both video data and embedded timing references.
2. 4-wire and 8-wire data bus alternatives available. If the 8-wire option is selected then the FST/LST pins are reconfigured to
output data information.
3. A data qualification clock, QCK, which can be programmable via the serial interface to behave in a number of different ways
(Tri-stateable).
4. A line start signal, LST (Tri-stateable).
5. A frame start signal, FST (Tri-stateable).
6. OEB tri-states all 5 data bus lines, D[4:0], the qualification clock, QCK, LST, FST and D[7].
7. A 2-wire serial interface (SDA,SCL) for controlling and setting up the device.
Mode
Input Clock
(MHz)Note
System
Clock
Divisor
Image Size
Line Time
(
µs)
Lines
per
Frame
Frame Rate
(fps)
QCIF - 25 fps
8.00
8
180 x 148
250.00
160
25.00000
QCIF - 30 fps
8.00
8
180 x 148
208.00
160
30.04807
QCIF - 60 fps
16.00
8
180 x 148
104.00
160
60.09614
CIF - 25 fps
16.00
4
356 x 292
125.00
320
25.00000
CIF - 30 fps
16.00
4
356 x 292
104.00
320
30.04807
NTSC (3.2 fsc)
28.636360 / 2.5
2
306 x 244
63.555564
525
29.97003
PAL (3.2 fsc)
35.46895 / 2.5
2
356 x 292
63.999639
625
25.00014
Table 2 : Video Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com