Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6410 Datasheet(PDF) 64 Page - STMicroelectronics

Part # VV6410
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6410 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button VV6410 Datasheet HTML 60Page - STMicroelectronics VV6410 Datasheet HTML 61Page - STMicroelectronics VV6410 Datasheet HTML 62Page - STMicroelectronics VV6410 Datasheet HTML 63Page - STMicroelectronics VV6410 Datasheet HTML 64Page - STMicroelectronics VV6410 Datasheet HTML 65Page - STMicroelectronics VV6410 Datasheet HTML 66Page - STMicroelectronics VV6410 Datasheet HTML 67Page - STMicroelectronics VV6410 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 105 page
background image
VV5410 & VV6410
Serial Control Bus
cd5410-6410f-3-0.fm
Commercial in confidence
64/105
9.5.1
Status Registers - [0 - 15],
[0-F]
[0-1],
[0-1] - DeviceH and DeviceL
These registers provide read only information that identifies the sensor type that has been coded as a 12bit number and a 4bit
mask set revision identifier. The device identification number for VV5410/VV6410 is 410 i.e. 0001 1001 10102. The initial mask
revision identifier is 0 i.e. 00002.
[2]
,[2] - Status0
Serial Interface Autoload Registers - [108-111]
108 - 109
6C-6D
reserved
110 - 111
6E-6F
unused
System Registers - [112-127]
112
70
black offsetH
3
R/W
- 64
black offset cancellation default value
(2’s complement notation)
113
71
black offsetL
8
R/W
114
72
black offset
setup
6
R/W
0011 00012
black offset cancellation setup
115
73
unused
116
74
reserved
117
75
cr0
8
R/W
0000 00002
Analog Control Register 0
118
76
cr1
8
R/W
0000 00002
Analog Control Register 1
119
77
as0
8
R/W
0101 10102
ADC Setup Register
120
78
at0
8
R/W
0000 00002
Analog Test Register
121
79
at1
8
R/W
0000 00012
Audio Amplifier Setup Register
122 - 125
7A-7D
unused
126
7E
reserved
127
7F
reserved
Bits
Function
Default
Comment
7:0
Device type identifier
0001 10012
Most significant 8 bits of the 12 bit code identifying the
chip type.
Table 20 : [0],
[0] - DeviceH
Bits
Function
Default
Comment
7:4
Device type identifier
10102
Least significant 4 bits of the 12 bit code identifying the
chip type.
3:0
Mask set revision identifier
00002
Table 21 : [1]
,[1] - DeviceL
Bit
Function
Default
Comment
0
Fine exposure value update
pending
0
Fine exposure value sent but not yet consumed by the
sensor
Table 22 : [2],
[2] - Status0
Index10
Index16
Name
Length
R/W
Default
Comments
Table 19 : Serial Interface Address Map.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com