Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6410 Datasheet(PDF) 99 Page - STMicroelectronics

Part # VV6410
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6410 Datasheet(HTML) 99 Page - STMicroelectronics

Back Button VV6410 Datasheet HTML 95Page - STMicroelectronics VV6410 Datasheet HTML 96Page - STMicroelectronics VV6410 Datasheet HTML 97Page - STMicroelectronics VV6410 Datasheet HTML 98Page - STMicroelectronics VV6410 Datasheet HTML 99Page - STMicroelectronics VV6410 Datasheet HTML 100Page - STMicroelectronics VV6410 Datasheet HTML 101Page - STMicroelectronics VV6410 Datasheet HTML 102Page - STMicroelectronics VV6410 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 105 page
background image
CMOS Sensor; Customer Datasheet, Rev 3.0, 28 September 2000
VV5410 & VV6410
Commercial in confidence
99/105
cd5410-6410f-3-0.fm
SRAMVSS
17
GND
In-column SRAM analog ground.
VDDcore/
Reg3V3
34
PWR
Digital logic power.
VDDio
33
PWR
Digital pad ring power.
VSScore
22
GND
Digital logic ground.
VSSio
23
GND
Digital pad ring ground.
Vid3V3
11
PWR
On-chip Video Supply Voltage Regulator Output
Aud3V3
3
PWR
On-chip Audio Amplifier Voltage Regulator Output
ANALOG SIGNALS
VBG
1
OA
Internally generated bandgap reference voltage 1.22V
VDDHI
9
IA
Voltage doubler output, 4.6V -> 4.8V
VBase
35
OA
Drive for base of external bipolar
Vbus
36
IA
Incoming power supply 3.3 -> 6V
AIN
4
IA
Analog input to Audio Amplifier
AOutP
5
OA
Analog output of Audio Amplifier (positive)
AOutN
6
OA
Analog output of Audio Amplifier (negative)
PORB
13
OD
Power-on Reset (Bar) Output.
DIGITAL VIDEO INTERFACE
D[4]
D[3]
D[2]
D[1]
D[0]
27
26
25
24
20
ODT
Tri-stateable 5-wire output data bus.
- D[4] is the most significant bit.
- D[4:0] have programmable drive strengths 2, 4 and 6 mA
QCK
32
ODT
Tri-stateable data qualification clock.
LST/D[5]
28
ODT
Tri-stateable Line start output
May be configured as tri-stateable output data bit 5 D[5].
FST/D[6]
29
ODT
Tri-stateable Frame start signal.
May be configured as tri-stateable output data bit 6 D[6].
D[7]
31
ODT
Tri-stateable Data wire (ms data bit).
May be configured as tri-stateable output data bit 6 D[6].
OEB
16
ID
↓
Digital output (tri-state) enable.
DIGITAL CONTROL SIGNALS
Name
Pin Number
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com