Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6410 Datasheet(PDF) 71 Page - STMicroelectronics

Part # VV6410
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6410 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button VV6410 Datasheet HTML 67Page - STMicroelectronics VV6410 Datasheet HTML 68Page - STMicroelectronics VV6410 Datasheet HTML 69Page - STMicroelectronics VV6410 Datasheet HTML 70Page - STMicroelectronics VV6410 Datasheet HTML 71Page - STMicroelectronics VV6410 Datasheet HTML 72Page - STMicroelectronics VV6410 Datasheet HTML 73Page - STMicroelectronics VV6410 Datasheet HTML 74Page - STMicroelectronics VV6410 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 105 page
background image
CMOS Sensor; Customer Datasheet, Rev 3.0, 28 September 2000
VV5410 & VV6410
Commercial in confidence
71/105
cd5410-6410f-3-0.fm
5
FST/LST Enable/Tri-state
0
The FST/LST digital outputs can be tri-stated but are
enabled as outputs by default. The enabling/disabling
of FST/LST can be retimed to a field boundary. The
state of this control bit is always available via a serial
interface read, i.e. it does not have to wait to change
state at a field boundary
6
QCK Enable/Tri-state
0
The QCK output can be tri-stated independently. The
enabling/disabling of QCK can be retimed to a field
boundary. The state of this control bit is always availa-
ble via a serial interface read, i.e. it does not have to
wait to change state at a field boundary.
7
Pre clock generator divide
On/Off
0
The CIF and QCIF video modes expect a recom-
mended set of input clock frequencies, however the
acceptable range of clock frequencies can be extended
if this bit is set. If this bit is set then the primary input
clock will be divided down by 1.5 prior to the clock gen-
erator, thus if the expected clock input is 16 MHz, we
can set this bit and accept 24 MHz and achieve the
same final frame rate.
OEB pin
data_format[5]
oeb_composite
Comments
0
0
0
FST/LST outputs enabled.
0
1
1
FST/LST outputs are tri-stated by
data_format[5]
1
0
1
FST/LST outputs are tri-stated by OEB pin.
1
1
1
FST/LST outputs are tri-stated.
Table 41 : FST/LST output control
OEB pin
data_format[6]
oeb_composite
Comments
0
0
0
QCK output enabled.
0
1
1
QCK output is tri-stated by op_format[6]
1
0
1
QCK output is tri-stated by OEB pin.
1
1
1
QCK output is tri-stated.
Table 42 : QCK output control
Bit
Function
Default
Comment
Table 40 : [22],
[16] - data_format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com