Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6410 Datasheet(PDF) 67 Page - STMicroelectronics

Part # VV6410
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6410 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button VV6410 Datasheet HTML 63Page - STMicroelectronics VV6410 Datasheet HTML 64Page - STMicroelectronics VV6410 Datasheet HTML 65Page - STMicroelectronics VV6410 Datasheet HTML 66Page - STMicroelectronics VV6410 Datasheet HTML 67Page - STMicroelectronics VV6410 Datasheet HTML 68Page - STMicroelectronics VV6410 Datasheet HTML 69Page - STMicroelectronics VV6410 Datasheet HTML 70Page - STMicroelectronics VV6410 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 105 page
background image
CMOS Sensor; Customer Datasheet, Rev 3.0, 28 September 2000
VV5410 & VV6410
Commercial in confidence
67/105
cd5410-6410f-3-0.fm
[17],
[11] - Setup1
2
Soft Reset
Off / On
0
Setting this bit resets the sensor to its power-up
defaults. This bit is also reset.
3
Frame/Field Rate select:
25 fps (PAL) / 30 fps (NTSC)
1
5:4
reserved
00
7:6
Video Timing Mode Select
00
00 - CIF Timing Modes
01 - PAL/NTSC 3.2 fsc Timing Modes
10 - pan/tilt/QCIF Timing Modes
If this mode is selected a QCIF size image will be
output. The coordinates which define the top left
corner of the QCIF portion of the array to be output
are defined by the parameters in registers 88 - 91
inclusive. By default the x- and y-sizes of the output
image are180 & 148 respectively.
11 - sub-sampled QCIF Timing Modes
If this mode is selected a QCIF size image will be
output. The CIF image is sub-sampled in groups of 4
to preserve the Bayer pattern with every second group
of pixels & lines skipped.
Video
Mode
setup0
[7:6]
setup0
[3]
System
Clock
Divisor
Video
Data
Line
Length
Field
Length
Data
Format
(default)
Comment
100
0
4
356 x 292
500
320
5-wire
CIF 25fps
21
4
356 x 292
416
320
5-wire
CIF 30fps
301
0
2
356 x 292
454
312/313
5-wire
PAL (3.2 fsc)
41
2
306 x 244
364
262/263
5-wire
NTSC (3.2 fsc)
510
0
8
180 x 148
250
160
5-wire
pan/tilt QCIF 25fps
61
8
180 x 148
208
160
5-wire
pan/tilt QCIF 30fps
711
0
8
180 x 148
250
160
5-wire
sub-sampled QCIF 25fps
81
8
180 x 148
208
160
5-wire
sub-sampled QCIF 30fps
Table 29 : Video Timing Modes
Bit
Function
Default
Comment
2:0
reserved
000
3
Enable immediate clock division
update. Off/On
0
Allow manual change to clock division to be
applied immediately
4
Enable immediate gain update.
Off/On
0
Allow manual change to gain to be applied
immediately
Table 30 : [17],
[11] - Setup1
Bit
Function
Default
Comment
Table 28 : [16],
[10] - Setup0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com