Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6410 Datasheet(PDF) 79 Page - STMicroelectronics

Part # VV6410
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6410 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button VV6410 Datasheet HTML 75Page - STMicroelectronics VV6410 Datasheet HTML 76Page - STMicroelectronics VV6410 Datasheet HTML 77Page - STMicroelectronics VV6410 Datasheet HTML 78Page - STMicroelectronics VV6410 Datasheet HTML 79Page - STMicroelectronics VV6410 Datasheet HTML 80Page - STMicroelectronics VV6410 Datasheet HTML 81Page - STMicroelectronics VV6410 Datasheet HTML 82Page - STMicroelectronics VV6410 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 105 page
background image
CMOS Sensor; Customer Datasheet, Rev 3.0, 28 September 2000
VV5410 & VV6410
Commercial in confidence
79/105
cd5410-6410f-3-0.fm
[119]
[77] - ADC Setup Register AS0
3:2
Bit line white reference
0.7 V / 1.1 V / 1.5V / Ext.
00
00 - 0.7V
01 - 1.1V
10 - 1.5V
11 - External
4
Enable anti blooming
Off/On
0
5
Power Down - LVDS input comparator
Off/On
0
Powers down LVDS input. CMOS clock
input may still be used.
6
Power Down - SRAM
Off/On
0
Powers down SRAM comparator
7
Power Down - VCCS
Off/On
0
Powers down voltage controlled current
source
Bit
Function
Default
Comment
0
Stand-by
Off/On
0
Powers down ALL analog circuitry with the
exception of the band gap
1
Power Down - Internal Ramp Generator
Off/On
0
2
Power Down - Column ADC
Off/On
0
Powers down preamp and comparators
3
Power Down - CAB regulator
Off/On
0
Referred to in figures as pd_creg
4
Power Down - Audio Amplifier regulator
Off/On
0
Referred to in figures as pd_areg
5
Power Down - VRT Amplifier
Off/On
0
Allows external VRT to be applied
6
Ramp common mode voltage
VRT-vtn/1.5V
0
0 - VRT-vtn ramp common mode voltage
1- 1.5V ramp common mode voltage
7
Current boost to column comparator
75uA/50uA
0
0 - 75uA
1- 50uA
Table 54 : [118],
[76] - Control Register CR1
Bit
Function
Default
Comment
1:0
reserved
10
Table 55 : [119],
[77] - ADC Setup Register AS0
Bit
Function
Default
Comment
Table 53 : [117],
[75] - Control Register CR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com