Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6410 Datasheet(PDF) 20 Page - STMicroelectronics

Part # VV6410
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6410 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button VV6410 Datasheet HTML 16Page - STMicroelectronics VV6410 Datasheet HTML 17Page - STMicroelectronics VV6410 Datasheet HTML 18Page - STMicroelectronics VV6410 Datasheet HTML 19Page - STMicroelectronics VV6410 Datasheet HTML 20Page - STMicroelectronics VV6410 Datasheet HTML 21Page - STMicroelectronics VV6410 Datasheet HTML 22Page - STMicroelectronics VV6410 Datasheet HTML 23Page - STMicroelectronics VV6410 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 105 page
background image
VV5410 & VV6410
Dark Offset Cancellation
cd5410-6410f-3-0.fm
Commercial in confidence
20/105
5.
Dark Offset Cancellation
VV5410/VV6410 performs dark line offset cancellation as well as black line offset cancellation. A dark line is shielded from
incident light by an opaque material such as metal 3 (as an example) but these lines will be exposed to incident light for the same
length of time as the visible pixels. If the dark pixels are completely shielded from light then no incident light should reach the
pixels and the pixels will produce the same digital code as the black pixels, i.e. 128 internally (therefore 64 externally). The
algorithm used to calculate the dark offset cancellation is identical to that used to calculate the black offset cancellation, however
the dark algorithm does assume that the dark pixels have already been black corrected therefore the target dark average is 64
thus the dark offset cancellation is 0 by default.
The dark offset cancellation algorithm is configured by the dark offset cancellation setup register, [46], see subsubsection 9.5.3.
The only parameter in this that is different from the corresponding table that configures the black offset cancellation algorithm is
the control bit, [bit2], that determines the number of dark lines that are to be used by the cancellation algorithm. It is possible to
select half of the total number of available dark lines to be used to calculate the dark offset cancellation setting. When the former
is selected the dark lines used by the algorithm are always preceeded by another dark line, thereby giving extra immunity from
damaging edge effects that may occur on lines close to the edge of the shield material.
It should be noted that the black and dark offset cancellation are completely independent. For example it is possible for the user
to select internal automatic black offset cancellation but to opt for no dark offset cancellation or indeed choose to perform the dark
offset cancellation externally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com